Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1733 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1733
Description  Monolithic Linear Lithium-Ion Battery Charger with Thermal Regulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1733 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1733 Datasheet HTML 5Page - Linear Technology LTC1733 Datasheet HTML 6Page - Linear Technology LTC1733 Datasheet HTML 7Page - Linear Technology LTC1733 Datasheet HTML 8Page - Linear Technology LTC1733 Datasheet HTML 9Page - Linear Technology LTC1733 Datasheet HTML 10Page - Linear Technology LTC1733 Datasheet HTML 11Page - Linear Technology LTC1733 Datasheet HTML 12Page - Linear Technology LTC1733 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC1733
9
sn1733 1733fs
Undervoltage Lockout (UVLO)
An internal undervoltage lockout circuit monitors the input
voltage and keeps the charger in shutdown mode until VCC
rises above the undervoltage lockout threshold. The UVLO
circuit has a built-in hysteresis of 150mV. Furthermore, to
protect against reverse current in the power MOSFET, the
UVLO circuit keeps the charger in shutdown mode if VCC
falls to within 30mV of the battery voltage. If the UVLO
comparator is tripped, the charger will not come out of
shutdown until VCC rises 60mV above the battery voltage.
Trickle Charge and Defective Battery Detection
At the beginning of a charge cycle, if the battery voltage is
low (below 2.48V) the charger goes into trickle charge
reducing the charge current to 10% of the full-scale
current. If the low battery voltage persists for one quarter
of the total charge time, the battery is assumed to be
defective, the charge cycle is terminated, the CHRG pin
output assumes a high impedance state, and the FAULT
pin latches low. The fault can be cleared by toggling VCC,
temporarily forcing the PROG pin above 2.15V, or tempo-
rarily forcing the BAT pin voltage above 2.48V.
Shutdown
The LTC1733 can be shutdown (ICC = 0.9mA) by pulling
the PROG pin above the 2.15V shutdown threshold volt-
age. In shutdown the internal linear regulator is turned off,
and the internal timer is reset.
Recharge
The LTC1733 has the ability to recharge a battery
assuming that the battery voltage has been charged above
4.05V (SEL = 5V) or 3.95V (SEL = 0V). Once above these
thresholds, a new charge cycle will begin if the battery
voltage drops below 4V (SEL = 5V) or 3.9V (SEL = 0V) due
to either a load on the battery or self-discharge. The
recharge circuit integrates the BAT pin voltage for a few
milliseconds to prevent a transient from restarting the
charge cycle.
If the battery voltage remains below 2.48V during trickle
charge for 1/4 of the programmed time, the battery may be
defective and the charge cycle will end. In addition, the
recharge comparator is disabled and a new charge cycle
will not begin unless the input voltage is toggled, the PROG
pin is pulled above the 2.15V shutdown threshold, or the
BAT pin is pulled above the 2.48V trickle charge threshold.
Programming Charge Current
The formula for the battery charge current (see Figure 1)
is:
ICHG = (IPROG) • 1000
= (1.5V / RPROG) • 1000 or
RPROG = 1500/ICHG
where RPROG is the total resistance from the PROG pin to
ground. Under trickle charge conditions, this current is
reduced to 10% of the full-scale value.
For example, if 500mA charge current is required,
calculate:
RPROG = 1500/0.5A = 3kΩ
For best stability over temperature and time, 1% metal-
film resistors are recommended.
If the charger is in constant-temperature or constant-
voltage mode, the battery current can be monitored by
measuring the PROG pin voltage as follows:
ICHG = (VPROG / RPROG) • 1000
Programming the Timer
The programmable timer is used to terminate the charge
cycle. The timer duration is programmed by an external
capacitor at the TIMER pin. The total charge time is:
Time (Hours) = (3 Hours) • (CTIMER / 0.1µF) or
CTIMER = 0.1µF • Time (Hours)/3 (Hours)
The timer starts when an input voltage greater than the
undervoltage lockout threshold level is applied and the
program resistor is connected to ground. After a time-out
occurs, the charge current stops, and the CHRG output
assumes a high impedance state to indicate that the
charging has stopped. Connecting the TIMER pin to ground
disables the timer function.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com