Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1733 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1733
Description  Monolithic Linear Lithium-Ion Battery Charger with Thermal Regulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1733 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1733 Datasheet HTML 7Page - Linear Technology LTC1733 Datasheet HTML 8Page - Linear Technology LTC1733 Datasheet HTML 9Page - Linear Technology LTC1733 Datasheet HTML 10Page - Linear Technology LTC1733 Datasheet HTML 11Page - Linear Technology LTC1733 Datasheet HTML 12Page - Linear Technology LTC1733 Datasheet HTML 13Page - Linear Technology LTC1733 Datasheet HTML 14Page - Linear Technology LTC1733 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC1733
11
sn1733 1733fs
resistance of the NTC thermistor rises. The LTC1733 is
designed to go into hold mode when the value of the NTC
thermistor increases to seven times the value of RHOT. For
a Vishay NTHS0603N02N1002J thermistor, this value is
28.2k which corresponds to approximately 0
°C. The hot
and cold comparators each have approximately 2
°C of
hysteresis to prevent oscillation about the trip point. The
NTC function can be disabled by grounding the NTC pin.
package temperature rather than the battery temperature.
This problem can be eliminated by thermally coupling the
NTC thermistor to the battery and not to the LTC1733.
Furthermore, it is essential that the VCC connection to
RHOT is made according to standard Kelvin sense tech-
niques. Since VCC is a high current path into the LTC1733,
it is essential to minimize voltage drops between the VCC
input pin and the top of RHOT.
NTC Trip Point Errors
When a 1% resistor is used for RHOT, the major error in
the 50
°C trip point is determined by the tolerance of the
NTC thermistor. A typical 10k NTC thermistor has a
±10%
tolerance. By looking up the temperature coefficient of the
thermistor at 50
°C, the tolerance error can be calculated
in degrees centigrade. Consider the Vishay
NTHS0603N02N1002J thermistor which has a tempera-
ture coefficient of –3.3%/
°C at 50°C. Dividing the toler-
ance by the temperature coefficient,
±10%/(–3.3%/°C) =
±3°C, gives the temperature error of the hot trip point.
The cold trip point is a little more complicated because its
error depends on the tolerance of the NTC thermistor and
the degree to which the ratio of its value at 0
°Canditsvalue
at 50
°C varies from 7 to 1. Therefore, the cold trip point
error can be calculated using the tolerance, TOL, the
temperature coefficient of the thermistor at 0
°C, TC
(in %/
°C), the value of the thermistor at 0°C, RCOLD, and
the value of the thermistor at 50
°C, RHOT. The formula is:
Temperature Error (
°C)=
1
7
1 100
+


TOL R
R
TC
COLD
HOT
•–
•
For example, the Vishay NTHS0603N02N1002J thermistor
with a tolerance of
±10%, TC of –4.5%/°C, and RCOLD/
RHOT of 6.89, has a cold trip point error of:
Temperature Error (
°C) =
10 10
7
6 89 1 100
45
±


.
•.
–
•
–.
= –1.8
°C, +2.5°C
APPLICATIO S I FOR ATIO
–
+
–
+
–
+
1733 F03
RNTC
10k
RHOT
1%
7/8 VCC
1/2 VCC
3/160 VCC
TOO COLD
TOO HOT
DISABLE NTC
LTC1733
VCC
NTC
Figure 3.
Thermistors
The LTC1733 NTC trip points were designed to work with
thermistors whose resistance-temperature characteris-
tics follow Vishay Dale’s “R-T Curve 2”. The Vishay
NTHS0603N02N1002J is an example of such a ther-
mistor. However, Vishay Dale has many thermistor prod-
ucts that follow the “R-T Curve 2” characteristic in a variety
of sizes. Futhermore, any thermistor whose ratio of RCOLD
to RHOT is about 7.0 will also work (Vishay Dale R-T Curve
2 shows a ratio of RCOLD to RHOT of 2.816/0.4086 = 6.9).
NTC Layout Considerations
It is important that the NTC thermistor not be in close
thermal contact with the LTC1733. Because the LTC1733
package can reach temperatures in excess of the 50
°C trip
point, the NTC function can cause a hysteretic oscillation
which turns the charge current on and off according to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com