Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1733 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1733
Description  Monolithic Linear Lithium-Ion Battery Charger with Thermal Regulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1733 Datasheet(HTML) 5 Page - Linear Technology

  LTC1733 Datasheet HTML 1Page - Linear Technology LTC1733 Datasheet HTML 2Page - Linear Technology LTC1733 Datasheet HTML 3Page - Linear Technology LTC1733 Datasheet HTML 4Page - Linear Technology LTC1733 Datasheet HTML 5Page - Linear Technology LTC1733 Datasheet HTML 6Page - Linear Technology LTC1733 Datasheet HTML 7Page - Linear Technology LTC1733 Datasheet HTML 8Page - Linear Technology LTC1733 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC1733
5
sn1733 1733fs
Trickle Charge Current vs VCC
TYPICAL PERFOR A CE CHARACTERISTICS
PROG Pin Voltage vs Temperature
Constant Current Mode
VCC (V)
4.0
5.5
6.5
1733 G10
4.5
5.0
6.0
7.0
TA = 25°C
VBAT = 3.5V
RPROG = 3k
VSEL = 5V
1.515
1.510
1.505
1.500
1.495
1.490
1.485
TEMPERATURE (
°C)
–50
25
75
1733 G11
–25
0
50
100
VCC = 5V
VBAT = 4V
RPROG = 3k
VSEL = 5V
1.515
1.510
1.505
1.500
1.495
1.490
1.485
TEMPERATURE (
°C)
–50
25
75
1733 G12
–25
0
50
100
VCC = 5V
VBAT = 2V
RPROG = 1.5k
VSEL = 5V
130
120
110
100
90
80
70
VCC (V)
4.0
5.5
6.5
1733 G13
4.5
5.0
6.0
7.0
TA = 25°C
VBAT = 2V
RPROG = 1.5k
VSEL = 5V
13
12
11
10
9
8
7
TEMPERATURE(
°C)
105
104
103
102
101
100
99
98
97
96
95
1733 G14
–50
–25
0
25
50
75
100
125
VCC = 5V
IBAT = 0mA
VSEL = 5V
CTIMER = 0.1µF
105
104
103
102
101
100
99
98
97
96
95
1733 G15
TA = 25°C
IBAT = 0mA
VSEL = 5V
CTIMER = 0.1µF
VCC (V)
4.0
5.5
6.5
4.5
5.0
6.0
7.0
PROG Pin Voltage vs VCC
Constant Current Mode
Trickle Charge Current vs
Temperature
Timer Accuracy vs Temperature
Timer Accuracy vs VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com