Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1733 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1733
Description  Monolithic Linear Lithium-Ion Battery Charger with Thermal Regulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1733 Datasheet(HTML) 4 Page - Linear Technology

  LTC1733 Datasheet HTML 1Page - Linear Technology LTC1733 Datasheet HTML 2Page - Linear Technology LTC1733 Datasheet HTML 3Page - Linear Technology LTC1733 Datasheet HTML 4Page - Linear Technology LTC1733 Datasheet HTML 5Page - Linear Technology LTC1733 Datasheet HTML 6Page - Linear Technology LTC1733 Datasheet HTML 7Page - Linear Technology LTC1733 Datasheet HTML 8Page - Linear Technology LTC1733 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC1733
4
sn1733 1733fs
TYPICAL PERFOR A CE CHARACTERISTICS
Battery Regulation Voltage vs
Battery Charge Current
Battery Regulation Voltage vs
Temperature
Battery Regulation Voltage vs VCC
PROG Pin Voltage vs Charge
Current
Charge Current vs Temperature
IBAT (mA)
4.24
4.22
4.20
4.18
4.16
4.14
4.12
4.10
4.08
4.06
1733 G01
0 100 200 300 400 500 600 700 800 900 1000
VSEL = 5V
VSEL = 0V
VCC = 5V
TA = 25°C
RPROG = 1.5k
TEMPERATURE(
°C)
4.24
4.22
4.20
4.18
4.16
4.14
4.12
4.10
4.08
4.06
1733 G02
–50
–25
0
25
50
75
100
125
VSEL = 5V
VSEL = 0V
VCC = 5V
IBAT = 10mA
RPROG = 1.5k
VCC (V)
4.24
4.22
4.20
4.18
4.16
4.14
4.12
4.10
4.08
4.06
1733 G03
4.0
4.5
5.0
5.5
6.0
6.5
7.0
VSEL = VCC
VSEL = 0V
TA = 25°C
IBAT = 10mA
RPROG = 1.5k
CHARGE CURRENT (mA)
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1733 G04
0 100 200 300 400 500 600 700 800 900 1000
VCC = 5V
TA = 25°C
RPROG = 1.5k
VSEL = 5V
VBAT (V)
0
1.0
2.0 2.5
4.5
1733 G05
0.5
1.5
3.0 3.5 4.0
1100
1000
900
800
700
600
500
400
300
200
100
0
VCC = 5V
TA = 25°C
RPROG = 1.5k
VSEL = 5V
VCC (V)
4.0
5.0
6.0
6.5
1733 G06
4.5
5.5
7.0
1100
1000
900
800
700
600
500
400
300
200
100
0
VBAT = 4.1V
TA = 25°C
RPROG = 1.5k
VSEL = 5V
VCC (V)
4.0
5.0
6.0
6.5
1733 G07
4.5
5.5
7.0
1100
1000
900
800
700
600
500
400
VBAT = 3.5V
TA = 25°C
VSEL = VCC
RPROG = 1.5k
RPROG = 3k
TEMPERATURE (
°C)
–50
0
50
75
1733 G08
–25
25
100
1000
900
800
700
600
500
400
300
200
100
0
VCC = 5V
VBAT = 3.5V
RPROG = 1.5k
VSEL = 5V
THERMAL CONTROL
LOOP IN OPERATION
Charge Current vs Battery Voltage
Charge Current vs Input Voltage
Charge Current vs VCC
Charge Current vs Temperature
with Thermal Regulation
TEMPERATURE (
°C)
–50
25
75
1733 G09
–25
0
50
100
VCC = 5V
VBAT = 4V
RPROG = 3k
VSEL = 5V
535
530
525
520
515
510
505
500
495
490
485
480
475
470
465



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com