Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1733 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1733
Description  Monolithic Linear Lithium-Ion Battery Charger with Thermal Regulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1733 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1733 Datasheet HTML 6Page - Linear Technology LTC1733 Datasheet HTML 7Page - Linear Technology LTC1733 Datasheet HTML 8Page - Linear Technology LTC1733 Datasheet HTML 9Page - Linear Technology LTC1733 Datasheet HTML 10Page - Linear Technology LTC1733 Datasheet HTML 11Page - Linear Technology LTC1733 Datasheet HTML 12Page - Linear Technology LTC1733 Datasheet HTML 13Page - Linear Technology LTC1733 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC1733
10
sn1733 1733fs
Open-Drain Status Outputs
The LTC1733 has three open-drain status outputs: ACPR,
CHRG and FAULT. The ACPR pin pulls low when an input
voltage greater than the undervoltage lockout threshold is
applied and goes high impedance when power (VIN < VUV)
is removed. CHRG and FAULT work together to indicate
the status of the charge cycle. Table 1 describes the status
of the charge cycle based on the CHRG and FAULT
outputs.
Table 1.
FAULT
CHRG
Description
High
Low
Charge cycle has started, C/10 has not been
reached and charging is proceeding normally.
Low
Low
Charge cycle has started, C/10 has not been
reached, but the charge current and timer
have been paused due to an NTC out-of-
temperature condition.
High
25
µA
C/10 has been reached and charging is
pulldown
proceeding normally.
Low
25
µA
C/10 has been reached but the charge current
pulldown
and timer have paused due to an
NTC out-of-temperature condition.
High
High
Normal timeout (charging has terminated).
Low
High
If FAULT goes low and CHRG goes high
impedance simultaneously, then the LTC1733
has timed out due to a bad cell (VBAT <2.48V
after one-quarter the programmed charge time).
If CHRG goes high impedance first, then
the LTC1733 has timed out normally (charging
has terminated), but NTC is indicating an out-
of-temperature condition.
CHRG Status Output Pin
When the charge cycle starts, the CHRG pin is pulled to
ground by an internal N-channel MOSFET capable of
driving an LED. When the charge current drops to 10% of
the full-scale current (C/10), the N-channel MOSFET is
latched off and a weak 25
µA current source to ground is
connected to the CHRG pin. After a time-out occurs, the
pin assumes a high impedance state. By using two differ-
ent value pull-up resistors a microprocessor can detect
three states from this pin (charging, C/10, and time-out).
See Figure 2.
APPLICATIO S I FOR ATIO
When the LTC1733 is in charge mode, the CHRG pin is
pulled low by the internal N-channel MOSFET. To detect
this mode, force the digital output pin, OUT, high and
measure the voltage at the CHRG pin. The N-channel
MOSFET will pull the pin low even with the 2k pull-up
resistor. Once the charge current drops to 10% of the full-
scale current (C/10), the N-channel MOSFET is turned off
and a 25
µA current source is connected to the CHRG pin.
The IN pin will then be pulled high by the 2k pull-up. By
forcing the OUT pin to a high impedance state, the current
source will pull the pin low through the 400k resistor.
When the internal timer has expired, the CHRG pin will
assume a high impedance state and the 400k resistor will
then pull the pin high to indicate that charging has termi-
nated.
NTC Thermistor
The battery temperature is measured by placing a negative
temperature coefficient (NTC) thermistor close to the
battery pack. The NTC circuitry is shown in Figure 3. To use
this feature, connect a 10k NTC thermistor between the
NTC pin and ground and a resistor (RHOT) from the NTC pin
to VCC. RHOT should be a 1% resistor with a value equal to
the value of the chosen NTC thermistor at 50
°C (this value
is 4.1k for a Vishay NTHS0603N02N1002J thermistor).
The LTC1733 goes into hold mode when the resistance of
the NTC thermistor drops below 4.1k which should be
at 50
°C. The hold mode freezes the timer and stops
the charge cycle until the thermistor indicates a return
to a valid temperature. As the temperature drops, the
Figure 2. Microprocessor Interface
8
3
400k
2k
LTC1733
1733 F02
VCC
CHRG
V+
µPROCESSOR
VDD
OUT
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com