Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3216 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3216
Description  Getting started with STM32L1xxx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3216 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3216 Datasheet HTML 9Page - STMicroelectronics AN3216 Datasheet HTML 10Page - STMicroelectronics AN3216 Datasheet HTML 11Page - STMicroelectronics AN3216 Datasheet HTML 12Page - STMicroelectronics AN3216 Datasheet HTML 13Page - STMicroelectronics AN3216 Datasheet HTML 14Page - STMicroelectronics AN3216 Datasheet HTML 15Page - STMicroelectronics AN3216 Datasheet HTML 16Page - STMicroelectronics AN3216 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
DocID17496 Rev 7
13/33
AN3216
Power supplies
32
2.3.1
Power-on reset (POR)/power-down reset (PDR),
brownout reset (BOR)
The monitoring voltage begins at 0.7 V.
During power-on, for devices operating between 1.8 and 3.6 V, the BOR keeps the device
under reset until the supply voltages (VDD and VDDIO) come close to the lowest acceptable
voltage (1.8 V). At power-up this internal reset is maintained during ~1 ms to wait for the
supply to reach its final value and stabilize.
At power-down the reset is activated as soon as the power drops below the lowest limit
(1.65 V).
At power-on, a defined reset should be maintained below 0.7 V. The upper threshold for a
reset release is defined in the electrical characteristics section of the product datasheets.
Figure 5. Power on reset/power down reset waveform
If you want to run the cpu at full speed the threshold should be raised to 2.0 V. For a
programmable threshold above the chip lowest limit, a brownout reset can be configured to
the desired value. The BOR can also be used to detect a power voltage drop earlier. The
threshold values of the BOR can be configured through the FLASH_OBR option byte.
2.3.2
Programmable voltage detector (PVD)
The device features an embedded programmable voltage detector (PVD) that monitors the
VDD/VDDA power supply and compares it to the VPVD threshold. Seven different PVD levels
can be selected by software between 1.85 V and 3.05 V, with a 200 mV step. An interrupt
can be generated when VDD/VDDA drops below the VPVD threshold and/or when VDD/VDDA
is higher than the VPVD threshold. The interrupt service routine then generates a warning
message and/or puts the MCU into a safe state. The PVD is enabled by software
configuration. As an example, the service routine can perform emergency shutdown tasks.
VDD/VDDA
Reset
POR
PDR
Temporization
tRSTTEMPO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com