Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3216 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN3216
Description  Getting started with STM32L1xxx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3216 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN3216 Datasheet HTML 25Page - STMicroelectronics AN3216 Datasheet HTML 26Page - STMicroelectronics AN3216 Datasheet HTML 27Page - STMicroelectronics AN3216 Datasheet HTML 28Page - STMicroelectronics AN3216 Datasheet HTML 29Page - STMicroelectronics AN3216 Datasheet HTML 30Page - STMicroelectronics AN3216 Datasheet HTML 31Page - STMicroelectronics AN3216 Datasheet HTML 32Page - STMicroelectronics AN3216 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
Reference design
AN3216
30/33
DocID17496 Rev 7
Table 7. Reference connection for all packages
Pin name
Pin numbers for LQFP packages
Pin numbers for BGA
packages
Pin numbers for
UFQFPN package
144 pins
100 pins 64 pins 48 pins 132 pins 100 pins 64 pins
48 pins
PH0-OSC_IN
23
12
5
5
F1
F1
C1
5
PH1-OSC_OUT
24
13
6
6
G1
G1
D1
6
PC15-
OSC32_OUT
9
9
4
4
E1
E1
B1
4
PC14-
OSC32_IN
88
3
3
D1
D1
A1
3
BOOT0
138
94
60
44
A4
A4
B4
44
PB2-BOOT1
48
37
28
20
L6
L6
G6
20
NRST
25
14
7
7
H2
H2
E1
7
PA13
105
72
46
34
A11
A11
A8
34
PA14
109
76
49
37
A10
A10
A7
37
PA15
110
77
50
38
A9
A9
A6
38
PB4
13490
56
40
A7A7
A4
40
PB3
13389
55
39
A8A8
A5
39
VSS_1
71
49
31
23
F12
F12
D6
23
VSS_2
107
74
47
35
F11
F11
D5
35
VSS_3
143
9963
47
D3D3
D4
47
VSS_4
38
27
18
-
-
E3
C2
—
VSS_5
16
10
-
-
F2
F2
-
—
VSS_6
51
-
-
-
E3
-
-
—
VSS_7
61
-
-
-
-
-
-
—
VSS_8
83
-
-
-
-
-
-
—
VSS_9
94
-
-
-
F6
-
-
—
VSS_10
120
-
-
-
F7
-
-
—
VSS_11
130
-
-
-
-
-
-
—
VDD_1
72
50
32
24
G12
G12
E6
24
VDD_2
108
75
48
36
G11
G11
E5
36
VDD_3
144
100
64
48
C4
C4
E4
48
VDD_4
39
28
19
-
-
H3
D2
—
VDD_5
17
11
-
-
G2
G2
-
—
VDD_6
52
-
-
-
H3
-
-
—
VDD_7
62
-
-
-
-
-
-
—
VDD_8
84
-
-
-
-
-
-
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com