Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3216 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3216
Description  Getting started with STM32L1xxx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3216 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3216 Datasheet HTML 19Page - STMicroelectronics AN3216 Datasheet HTML 20Page - STMicroelectronics AN3216 Datasheet HTML 21Page - STMicroelectronics AN3216 Datasheet HTML 22Page - STMicroelectronics AN3216 Datasheet HTML 23Page - STMicroelectronics AN3216 Datasheet HTML 24Page - STMicroelectronics AN3216 Datasheet HTML 25Page - STMicroelectronics AN3216 Datasheet HTML 26Page - STMicroelectronics AN3216 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
DocID17496 Rev 7
23/33
AN3216
Debug management
32
5.3
Pinout and debug port pins
The STM32L1xxx MCU is offered in various packages with different numbers of available
pins. As a result, some functionality related to the pin availability may differ from one
package to another.
5.3.1
SWJ debug port pins
Five pins are used as outputs for the SWJ-DP as alternate functions of general-purpose
I/Os (GPIOs). These pins, shown in Table 3, are available on all packages.
5.3.2
Flexible SWJ-DP pin assignment
After reset (SYSRESETn or PORESETn), all five pins used for the SWJ-DP are assigned as
dedicated pins which are immediately usable by the debugger host (note that the trace
outputs are not assigned except if explicitly programmed by the debugger host).
However, the STM32L1xxx MCU implements a register to disable all or part of the SWJ-DP
port, and so releases the associated pins for general-purpose I/O usage. This register is
mapped on an APB bridge connected to the Cortex™-M3 system bus. It is programmed by
the user software program and not by the debugger host.
Table 4 shows the different possibilities for releasing some pins. For more details, see the
STM32L1xxx reference manual (RM0038).
Table 3. Debug port pin assignment
SWJ-DP pin name
JTAG debug port
SW debug port
Pin
assignmen
t
Type
Description
Type
Debug assignment
JTMS/SWDIO
I
JTAG test mode
selection
I/O
Serial wire data
input/output
PA13
JTCK/SWCLK
I
JTAG test clock
I
Serial wire clock
PA14
JTDI
I
JTAG test data input
-
-
PA15
JTDO/TRACESWO
O
JTAG test data output
-
TRACESWO if async
trace is enabled
PB3
JNTRST
I
JTAG test nReset
-
-
PB4
Table 4. SWJ I/O pin availability
Available debug ports
SWJ I/O pin assigned
PA13 /
JTMS/
SWDIO
PA14 /
JTCK/
SWCLK
PA15 /
JTDI
PB3 /
JTDO
PB4/
JNTRST
Full SWJ (JTAG-DP + SW-DP) - reset state
X
X
X
X
X
Full SWJ (JTAG-DP + SW-DP) but without
JNTRST
XX
X
X
JTAG-DP disabled and SW-DP enabled
X
X
JTAG-DP disabled and SW-DP disabled
Released



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com