Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3216 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3216
Description  Getting started with STM32L1xxx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3216 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3216 Datasheet HTML 18Page - STMicroelectronics AN3216 Datasheet HTML 19Page - STMicroelectronics AN3216 Datasheet HTML 20Page - STMicroelectronics AN3216 Datasheet HTML 21Page - STMicroelectronics AN3216 Datasheet HTML 22Page - STMicroelectronics AN3216 Datasheet HTML 23Page - STMicroelectronics AN3216 Datasheet HTML 24Page - STMicroelectronics AN3216 Datasheet HTML 25Page - STMicroelectronics AN3216 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Debug management
AN3216
22/33
DocID17496 Rev 7
5
Debug management
5.1
Introduction
The host/target interface is the hardware equipment that connects the host to the application
board. This interface is made of three components: a hardware debug tool, a JTAG or SW
connector and a cable connecting the host to the debug tool.
Figure 13 shows the connection of the host to a development board. The evaluation board
(STM32L152-EVAL and STM32L152D-EVAL) embeds the debug tools (ST-LINK) so it can
be directly connected to the PC through an USB cable.
Figure 13. Host-to-board connection
5.2
SWJ debug port (serial wire and JTAG)
The STM32L1xxx core integrates the serial wire/JTAG debug port (SWJ-DP). It is an ARM®
standard CoreSight™ debug port that combines a JTAG-DP (5-pin) interface and a SW-DP
(2-pin) interface.
•
The JTAG debug port (JTAG-DP) provides a 5-pin standard JTAG interface to the AHP-
AP port
•
The serial wire debug port (SW-DP) provides a 2-pin (clock + data) interface to the
AHP-AP port
In the SWJ-DP, the two JTAG pins of the SW-DP are multiplexed with some of the five JTAG
pins of the JTAG-DP.
Development board
Host PC
Power supply
JTAG/SW connector
Debug tool
ai14866c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com