Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3216 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN3216
Description  Getting started with STM32L1xxx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3216 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN3216 Datasheet HTML 24Page - STMicroelectronics AN3216 Datasheet HTML 25Page - STMicroelectronics AN3216 Datasheet HTML 26Page - STMicroelectronics AN3216 Datasheet HTML 27Page - STMicroelectronics AN3216 Datasheet HTML 28Page - STMicroelectronics AN3216 Datasheet HTML 29Page - STMicroelectronics AN3216 Datasheet HTML 30Page - STMicroelectronics AN3216 Datasheet HTML 31Page - STMicroelectronics AN3216 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Reference design
AN3216
28/33
DocID17496 Rev 7
7.2
Component references
Table 5. Mandatory components
Reference
Components name
Value
Quantity
Comments
U1A
Microcontroller
STM32L152VB(T6)
1
100-pin package
C5, C10, C11,
C12, C13, C14
Capacitor
100 nF
3 ... 6
Ceramic capacitors (decoupling
capacitors)
C9
Capacitor
10 µF
1
Ceramic capacitor (decoupling
capacitor)
C4, C6
Capacitor
1 µF
2
Ceramic capacitor (LCD booster or
decoupling capacitor)
Table 6. Optional components
Reference
Components name
Value
Quantity
Comments
R2, R4, R5,
R7, R8
Resistor
10 k
Ω
9
Pull-up and pull-down for JTAG and
Boot mode.
R6
Resistor
390
Ω
1
Used for HSE: the value depends on the
crystal characteristics.
R1
Resistor
x
Ω
1
Used for LSE: the value depends on the
crystal characteristics.
This resistor value depends on the
chosen crystal (refer to application
note AN2867).
R3
Resistor
0
Ω
1
For low pass filter
C3, C15
Capacitor
100 nF
2
Ceramic capacitors (decoupling
capacitors)
C1, C2
Capacitor
6.8 pF
2
Used for LSE: the value depends on the
crystal characteristics. Fits for MC-306
32.768K-E3, which has a load
capacitance of 6 pF.
C7, C8
Capacitor
20 pF
2
Used for HSE: the value depends on the
crystal characteristics.
X2
Quartz
8 MHz
1
Used for HSE
X1
Quartz
32 kHz
1
Used for LSE
CN1
JTAG connector
HE10
1
SW1, SW2
Switch
2
Used to select the right boot mode
B1
Push-button
1
L1
Ferrite bead
1
For EMC reduction on VDDA supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com