Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3271 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3271
Description  This application note provides
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3271 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3271 Datasheet HTML 7Page - STMicroelectronics AN3271 Datasheet HTML 8Page - STMicroelectronics AN3271 Datasheet HTML 9Page - STMicroelectronics AN3271 Datasheet HTML 10Page - STMicroelectronics AN3271 Datasheet HTML 11Page - STMicroelectronics AN3271 Datasheet HTML 12Page - STMicroelectronics AN3271 Datasheet HTML 13Page - STMicroelectronics AN3271 Datasheet HTML 14Page - STMicroelectronics AN3271 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AN3271
Push-button input glitch immunity
Doc ID 17933 Rev 2
11/29
5
Push-button input glitch immunity
A mechanical push-button connected to PB or SR input can produce a quite noisy signal
during switching. The STM660x ignores all the glitches and asserts an enable output (EN or
EN) only if the push-button input stays low for the debounce time period tDEBOUNCE
(typically 32 ms).
Figure 7.
Push-button noise immunity
PB and SR inputs are also equipped with high ESD protection of ±8 kV (human body
model).
tDEBOUNCE
32 ms (typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com