Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3271 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN3271
Description  This application note provides
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3271 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN3271 Datasheet HTML 21Page - STMicroelectronics AN3271 Datasheet HTML 22Page - STMicroelectronics AN3271 Datasheet HTML 23Page - STMicroelectronics AN3271 Datasheet HTML 24Page - STMicroelectronics AN3271 Datasheet HTML 25Page - STMicroelectronics AN3271 Datasheet HTML 26Page - STMicroelectronics AN3271 Datasheet HTML 27Page - STMicroelectronics AN3271 Datasheet HTML 28Page - STMicroelectronics AN3271 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Demonstration boards, promotion tools
AN3271
26/29
Doc ID 17933 Rev 2
The demonstration board consists of battery protection provided by the STBP120, which
protects the battery from undervoltage and overvoltage. The L6924D is used for proper
battery charging. The STBB1 converts battery voltage based on a preset slide switch
position and switching power on/off for the application. The STM660x smart supervisor
controls power management based on the position of both slide switches. A dual color
display indicates either proper functionality (blue backlight) or a frozen application (red
backlight). See also the block diagram in Figure 22.
Figure 22.
Block diagram of STM660x demonstration board
13.2
Interposer
An interposer with the STM660x part can be easily plugged into a breadboard, soldered, or
effectively used with an evaluation board (see below), etc.
A breadboarded interposer can be easily measured or connected to the rest of the
application.
It is also much easier to solder wires to an interposer for any necessary external connection.
An interposer combined with an evaluation board provides flexibility, allowing various parts
to be changed quickly in the socket.
Figure 23.
STM660x interposer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com