Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3271 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3271
Description  This application note provides
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3271 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3271 Datasheet HTML 17Page - STMicroelectronics AN3271 Datasheet HTML 18Page - STMicroelectronics AN3271 Datasheet HTML 19Page - STMicroelectronics AN3271 Datasheet HTML 20Page - STMicroelectronics AN3271 Datasheet HTML 21Page - STMicroelectronics AN3271 Datasheet HTML 22Page - STMicroelectronics AN3271 Datasheet HTML 23Page - STMicroelectronics AN3271 Datasheet HTML 24Page - STMicroelectronics AN3271 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
AN3271
VCC transient protection
Doc ID 17933 Rev 2
21/29
11
VCC transient protection
The absolute maximum supply voltage of the STM660x is 7 V. The immunity of high voltage
transients can be improved by using a Zener diode Z1 and current limiting resistor R1
(see Figure 19). The Zener diode does not draw any current within the operating VCC
voltage range (VCC specified from 1.6 V to 5.5 V).
A possible PMOS transistor can be protected by Zener diode Z2 similarly (see Figure 19).
The diode should have a breakdown voltage smaller than the PMOS gate-source
breakdown voltage.
Figure 19.
VCC transient protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com