Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3271 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3271
Description  This application note provides
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3271 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3271 Datasheet HTML 20Page - STMicroelectronics AN3271 Datasheet HTML 21Page - STMicroelectronics AN3271 Datasheet HTML 22Page - STMicroelectronics AN3271 Datasheet HTML 23Page - STMicroelectronics AN3271 Datasheet HTML 24Page - STMicroelectronics AN3271 Datasheet HTML 25Page - STMicroelectronics AN3271 Datasheet HTML 26Page - STMicroelectronics AN3271 Datasheet HTML 27Page - STMicroelectronics AN3271 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
High voltage connection
AN3271
24/29
Doc ID 17933 Rev 2
Equation 6
The closest resistor value from the E6 series is R2 = 33 kΩ.
The monitored threshold is slightly different due to the E6 series resistors:
Equation 7
If using R1 = 150 kΩ and R2 = 33 kΩ, the monitored high voltage threshold is 18.2 V. The
tolerance of resistors R1 and R2 affects the precision of the VSUPPLY-TH threshold.
Let's use dual N-channel / P-channel transistor STS8C5H30L, which has an absolute
maximum gate-source voltage of 16 V. In order to keep some margin, let's use VGS = 15 V
for the calculation. The maximum supply voltage is 30 V (it can't be higher than the
maximum drain-source voltage of the P-channel transistor). The current through resistors
R3 and R4 is 100 µA.
Resistor R4 is:
Equation 8
And resistor R3 is:
Equation 9
The maximum gate threshold voltage of the P-channel transistor is VGS(th)-MAX = 2.5 V,
therefore the P-channel transistor is securely driven for supply voltages down to:
Equation 10
R
2
R
1
V
TH –
V
SUPPLY
TH
–
V
TH –
–
---------------------------------------------------------
150000
3.2
18
3.2
–
---------------------
32.43k
Ω
=
==
V
SUPPLY
TH
–
R
1
l
12
V
TH –
+
×
150
10
3
100
10
6
–
3.2
18.2V
=
+
×
×
×
==
R
4
V
SUPPLY
MAX
–
V
GS
–
l
34
-------------------------------------------------------
30
15
–
()
100
10
6
–
×
-----------------------------
150k
Ω
=
=
=
R
3
V
GS
l
34
-----------
15
100
10
6
–
×
-----------------------------
150k
Ω
=
=
=
V
SUPPLY
MIN
–
V
GS
R
3
R
4
+
R
3
--------------------
=
2.5
150
10
3
150
10
3
×
+
×
150
10
3
×
-----------------------------------------------------------
5V
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com