Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3271 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3271
Description  This application note provides
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3271 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3271 Datasheet HTML 19Page - STMicroelectronics AN3271 Datasheet HTML 20Page - STMicroelectronics AN3271 Datasheet HTML 21Page - STMicroelectronics AN3271 Datasheet HTML 22Page - STMicroelectronics AN3271 Datasheet HTML 23Page - STMicroelectronics AN3271 Datasheet HTML 24Page - STMicroelectronics AN3271 Datasheet HTML 25Page - STMicroelectronics AN3271 Datasheet HTML 26Page - STMicroelectronics AN3271 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
AN3271
High voltage connection
Doc ID 17933 Rev 2
23/29
Equation 2
where
R2 is the second resistor of the voltage divider.
The tolerance of resistors R1 and R2 affects the precision of the VSUPPLY-TH threshold.
R3 / R4 ratio has to guarantee a secure open and close of the P-channel transistor. It is
possible to use for example dual N-channel / P-channel transistor STS8C5H30L in a tiny
SO8 package, which can switch voltages up to 30 V and currents up to 5 A.
The absolute maximum gate-source voltage VGS has to be considered, therefore:
Equation 3
where
R4 is the resistor between the P-channel transistor and N-channel transistor,
VSUPPLY–MAX is the possible maximum of VSUPPLY voltage,
VGS is the absolute maximum gate-source voltage or lower,
I34 is the current through the R3 and R4 resistors.
Equation 4
where,
R3 is the resistor between the gate and source of the P-channel transistor.
Example
Let's use STM6600ES24DM6F, which has active high EN output and undervoltage
threshold VTH– = 3.2 V.
We would like to monitor the supply voltage VSUPPLY for 18 V, the current through the
resistor divider R1/R2 is I12 = 100 µA and therefore:
Equation 5
The closest resistor value from the E6 series is R1 = 150 kΩ.
R
2
R
1
V
TH –
V
SUPPLY
TH
V
TH –
---------------------------------------------------------
=
R
4
V
SUPPLY
MAX
V
GS
l
34
-------------------------------------------------------
=
R
3
V
GS
l
34
-----------
=
R
1
V
SUPPLY
TH
V
TH –
l
12
---------------------------------------------------------
18
3.2
100
10
6
×
-----------------------------
148k
Ω
=
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com