Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3591 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3591
Description  White LED Driver with Integrated Schottky
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3591 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3591 Datasheet HTML 8Page - Linear Technology LT3591 Datasheet HTML 9Page - Linear Technology LT3591 Datasheet HTML 10Page - Linear Technology LT3591 Datasheet HTML 11Page - Linear Technology LT3591 Datasheet HTML 12Page - Linear Technology LT3591 Datasheet HTML 13Page - Linear Technology LT3591 Datasheet HTML 14Page - Linear Technology LT3591 Datasheet HTML 15Page - Linear Technology LT3591 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT3591
13
3591f
TYPICAL APPLICATIONS
CAP
LED
VIN
C2
4.7
µF
C1
1
µF
L1
22
µH
C1: TAIYO YUDEN EMK107BJ105MA
C2: MURATA GRM31CR71H475KA12L
C3: MURATA GRM21BR71H105KA12L
L1: TAIYO YUDEN NR4018T220M
VIN
3V
PVIN
24V
RSENSE
2
Ω
3591 TA05a
LT3591
SHUTDOWN
AND
DIMMING
CONTROL
CTRL
SW
GND
C3
1
µF
LED CURRENT (mA)
0
70
75
95
3591 TA05b
20
40
60
80
100
80
85
90
CAP
LED
VIN
C2
4.7
µF
C1
1
µF
L1
22
µH
VIN
3V
PVIN
24V
RSENSE
2
Ω
3591 TA06a
LT3591
SHUTDOWN
AND
DIMMING
CONTROL
CTRL
SW
GND
C3
1
µF
C1: TAIYO YUDEN EMK107BJ105MA
C2: MURATA GRM31CR71H475KA12L
C3: MURATA GRM21BR71H105KA12L
L1: TAIYO YUDEN NR4018T220M
LED CURRENT (mA)
70
80
95
90
75
85
40
80
3591 TA06b
100
20
060
24V to Four White LEDs at 100mA
Efficiency
24V to Five White LEDs at 100mA
Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com