Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3591 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3591
Description  White LED Driver with Integrated Schottky
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3591 Datasheet(HTML) 5 Page - Linear Technology

  LT3591 Datasheet HTML 1Page - Linear Technology LT3591 Datasheet HTML 2Page - Linear Technology LT3591 Datasheet HTML 3Page - Linear Technology LT3591 Datasheet HTML 4Page - Linear Technology LT3591 Datasheet HTML 5Page - Linear Technology LT3591 Datasheet HTML 6Page - Linear Technology LT3591 Datasheet HTML 7Page - Linear Technology LT3591 Datasheet HTML 8Page - Linear Technology LT3591 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT3591
5
3591f
BLOCK DIAGRAM
PIN FUNCTIONS
VIN (Pin 1): Input Supply Pin. Must be locally bypassed.
GND (Pin 2): Ground Pin. Should be tied directly to local
ground plane.
SW (Pin 4): Switch Pin. Minimize trace area at this pin to
minimize EMI. Connect the inductor at this pin.
CAP (Pin 5): Output of the Driver. This pin is connected
to the cathode of internal Schottky. Connect the output
capacitor to this pin and the sense resistor from this pin
to the LED pin.
LED (Pin 7): Connection Point for the Anode of the First
LED and the Sense Resistor. The LED current can be
programmed by :
I
mV
R
LED
SENSE
=
200
CTRL (Pin 8): Dimming and Shutdown Pin. Connect this
pin below 50mV to disable the driver. As the pin voltage
is ramped from 0V to 1.5V, the LED current ramps from
0 to ILED ( = 200mV/RSENSE). The CTRL pin must not be
left floating.
Exposed Pad (Pin 9): Ground. The Exposed Pad must
be soldered to PCB ground to achieve the rated thermal
performance.
4
–
+
R
SW
CAP
1
VIN
Q
S
DRIVER
Σ
OVERVOLTAGE
PROTECTION
RAMP
GENERATOR
OSCILLATOR
VREF
1.25V
START-UP
CONTROL
SHDN
Q1
R
5
LED
3591 F01
CTRL
GND
7
82
–
+
A = 6.25
A1
RC
CC
A2
A3
PWM
COMP
Figure 1. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com