Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3591 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3591
Description  White LED Driver with Integrated Schottky
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3591 Datasheet(HTML) 3 Page - Linear Technology

  LT3591 Datasheet HTML 1Page - Linear Technology LT3591 Datasheet HTML 2Page - Linear Technology LT3591 Datasheet HTML 3Page - Linear Technology LT3591 Datasheet HTML 4Page - Linear Technology LT3591 Datasheet HTML 5Page - Linear Technology LT3591 Datasheet HTML 6Page - Linear Technology LT3591 Datasheet HTML 7Page - Linear Technology LT3591 Datasheet HTML 8Page - Linear Technology LT3591 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT3591
3
3591f
TYPICAL PERFORMANCE CHARACTERISTICS
Switch Saturation Voltage
(VCESAT)
Schottky Forward Voltage Drop
Shutdown Current (VCTRL = 0V)
Sense Voltage (VCAP – VLED)
vs VCTRL
Open-Circuit Output
Clamp Voltage
Input Current in Output
Open Circuit
Switching Waveform
Transient Response
SWITCH CURRENT (mA)
0
500
400
300
200
100
0
300
600
3591 G01
100 200
400
800
700
500
–50
°C
125
°C
25
°C
SCHOTTKY FORWARD DROP (mV)
200
300
3591 G02
100
0
600
500
400
0
200
400
600
800
1000
1200
–50
°C
125
°C
25
°C
VIN (V)
0
9
12
15
12
3591 G03
6
3
0
3
6
9
–50
°C
125
°C
25
°C
VCTRL (mV)
80
120
3591 G04
40
0
240
200
160
0
500
1000
1500
2000
2500
3000
–50
°C
25
°C
125
°C
VIN (V)
0
42
43
12
3591 G05
41
40
3
6
9
45
44
–50
°C
125
°C
25
°C
VIN (V)
0
36
9
12
3591 G06
–50
°C
125
°C
4
5
6
3
2
0
1
8
7
25
°C
VSW
20V/DIV
VCAP
50mV/DIV
IL
200mA/DIV
VIN = 3.6V
FRONT PAGE
APPLICATION CIRCUIT
500ms/DIV
3591 G07
VCTRL
5V/DIV
VCAP
5V/DIV
IL
500mA/DIV
VIN = 3.6V
FRONT PAGE
APPLICATION CIRCUIT
1ms/DIV
3591 G08
TA = 25°C, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com