Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3591 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3591
Description  White LED Driver with Integrated Schottky
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3591 Datasheet(HTML) 4 Page - Linear Technology

  LT3591 Datasheet HTML 1Page - Linear Technology LT3591 Datasheet HTML 2Page - Linear Technology LT3591 Datasheet HTML 3Page - Linear Technology LT3591 Datasheet HTML 4Page - Linear Technology LT3591 Datasheet HTML 5Page - Linear Technology LT3591 Datasheet HTML 6Page - Linear Technology LT3591 Datasheet HTML 7Page - Linear Technology LT3591 Datasheet HTML 8Page - Linear Technology LT3591 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT3591
4
3591f
VIN (V)
0
0
1
2
3
4
5
6
36
9
12
3591 G09
–50
°C
125
°C
25
°C
TEMPERATURE (
°C)
0
400
1000
3591 G10
200
600
800
–50
–25
0
25
50
75
100
125
–50
25
75
–25
0
50
100
125
TEMPERATURE (
°C)
0
3
6
9
12
15
3591 G11
VR = 10V
VR = 16V
VR = 20V
TEMPERATURE (
°C)
–50
–25
40
42
45
0
50
75
3591 G12
41
44
43
25
100
125
TEMPERATURE (
°C)
–50
25
75
3591 G13
–25
0
50
100
125
VIN = 3V
4
5
6
3
2
0
1
8
7
TEMPERATURE (
°C)
–50
25
75
3591 G14
–25
0
50
100
125
1000
1050
1100
950
900
750
800
850
1200
1150
TEMPERATURE (
°C)
–50
25
75
3591 G15
–25
0
50
100
125
98
96
94
90
92
100
VCAP (V)
5
20
30
3591 G16
10
15
25
35
204
200
196
188
192
208
–50
°C
125
°C
25
°C
TEMPERATURE (
°C)
–50
–25
188
196
208
0
50
75
3591 G17
192
204
200
25
100
125
TYPICAL PERFORMANCE CHARACTERISTICS
Quiescent Current
(VCTRL = 3V)
Current Limit vs Temperature
Schottky Leakage Current
vs Temperature
Open-Circuit Output Clamp
Voltage vs Temperature
Input Current in Output Open
Circuit vs Temperature
Switching Frequency
vs Temperature
Maximum Duty Cycle
vs Temperature
Sense Voltage (VCAP – VLED)
vs VCAP
Sense Voltage (VCAP – VLED)
vs Temperature
TA = 25°C, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com