Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3591 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3591
Description  White LED Driver with Integrated Schottky
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3591 Datasheet(HTML) 1 Page - Linear Technology

  LT3591 Datasheet HTML 1Page - Linear Technology LT3591 Datasheet HTML 2Page - Linear Technology LT3591 Datasheet HTML 3Page - Linear Technology LT3591 Datasheet HTML 4Page - Linear Technology LT3591 Datasheet HTML 5Page - Linear Technology LT3591 Datasheet HTML 6Page - Linear Technology LT3591 Datasheet HTML 7Page - Linear Technology LT3591 Datasheet HTML 8Page - Linear Technology LT3591 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT3591
1
3591f
■
Cellular Phones
■
PDAs, Handheld Computers
■
Digital Cameras
■
MP3 Players
■
GPS Receivers
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
White LED Driver with
Integrated Schottky in
3mm × 2mm DFN
The LT®3591 is a fixed frequency step-up DC/DC converter
specifically designed to drive up to ten white LEDs in series
from a Li-Ion cell. Series connection of the LEDs provides
identical LED currents resulting in uniform brightness
and eliminating the need for ballast resistors. The device
features a unique high side LED current sense that enables
the part to function as a “one wire current source;” one
side of the LED string can be returned to ground anywhere,
allowing a simpler one wire LED connection. Traditional
LED drivers use a grounded resistor to sense LED current,
requiring a 2-wire connection to the LED string.
The high switching frequency allows the use of tiny induc-
tors and capacitors. A single pin performs both shutdown
and accurate LED dimming control. Few external compo-
nents are needed: open-LED protection and the Schottky
diode are all contained inside a low profile 3mm × 2mm
DFN package.
Li-Ion Driver for Ten White LEDs
■
Drives Up to Ten White LEDs from a 3V Supply
■
High Side Sense Allows “One Wire Current Source”
■
Internal Schottky Diode
■
One Pin Dimming and Shutdown
■
80:1 True Color PWMTM Dimming Range
■
42V Open LED Protection
■
1MHz Switching Frequency
■
±5% Reference Accuracy
■
VIN Range: 2.5V to 12V
■
Requires Only 2.2µF Output Capacitor
■
Low Profile 8-Lead DFN Package
(3mm × 2mm × 0.75mm)
Conversion Efficiency
CTRL
VIN
22
µH
VIN
3V TO 5V
RSENSE
10
Ω
3591 TA01a
LT3591
SHUTDOWN AND
DIMMING CONTROL
SW
CAP
LED
GND
2.2
µF
1
µF
LED CURRENT (mA)
0
60
20
3591 TA01b
5
10
15
80
70
55
65
75
VIN = 3.6V
10 LEDs
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
True Color PWM is a trademark of Linear Technology Corporation. All other trademarks are
the property of their respective owners.


Similar Part No. - LT3591

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3591 LINER-LT3591 Datasheet
454Kb / 24P
20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
logo
Linear Integrated Syste...
LT3591 LINEAR-LT3591 Datasheet
274Kb / 16P
White LED Driver with Integrated Schottky in 3mm 2mm DFN
LT3591EDDB LINEAR-LT3591EDDB Datasheet
274Kb / 16P
White LED Driver with Integrated Schottky in 3mm 2mm DFN
More results

Similar Description - LT3591

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6415 SIPEX-SP6415 Datasheet
1Mb / 12P
Integrated White LED Driver With Organic LED Display Power Supply
logo
Linear Integrated Syste...
LT3497 LINEAR-LT3497 Datasheet
345Kb / 20P
Dual Full Function White LED Driver with Integrated Schottky Diodes
logo
Linear Technology
LT3519 LINER-LT3519 Datasheet
245Kb / 16P
LED Driver with Integrated Schottky Diode
logo
Linear Integrated Syste...
LT3591EDDB LINEAR-LT3591EDDB Datasheet
274Kb / 16P
White LED Driver with Integrated Schottky in 3mm 2mm DFN
logo
Linear Technology
LT3491 LINER-LT3491_15 Datasheet
273Kb / 16P
White LED Driver with Integrated Schottky in SC70
LT3497 LINER-LT3497_15 Datasheet
351Kb / 20P
Dual Full Function White LED Driver with Integrated Schottky Diodes
LT3519 LINER-LT3519_15 Datasheet
271Kb / 20P
LED Driver with Integrated Schottky Diode
LT3519-1 LINER-LT3519-1_15 Datasheet
271Kb / 20P
LED Driver with Integrated Schottky Diode
LT3519-2 LINER-LT3519-2_15 Datasheet
271Kb / 20P
LED Driver with Integrated Schottky Diode
logo
Renesas Technology Corp
ISL97631 RENESAS-ISL97631 Datasheet
471Kb / 8P
White LED Boost Regulator With Integrated Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com