Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4016 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4016
Description  2 kW PPA for ISM applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4016 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4016 Datasheet HTML 5Page - STMicroelectronics AN4016 Datasheet HTML 6Page - STMicroelectronics AN4016 Datasheet HTML 7Page - STMicroelectronics AN4016 Datasheet HTML 8Page - STMicroelectronics AN4016 Datasheet HTML 9Page - STMicroelectronics AN4016 Datasheet HTML 10Page - STMicroelectronics AN4016 Datasheet HTML 11Page - STMicroelectronics AN4016 Datasheet HTML 12Page - STMicroelectronics AN4016 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AN4016
Layout, parts list, and design considerations
Doc ID 022523 Rev 1
9/17
Figure 5.
Input PCB, and top and bottom view
The new package technology (STAC®) allows very low thermal impedance to be achieved,
Rtjc = 0.075 K / W (with T = 1 msec pulsed RF/Duty = 10%), so that, in combination with a
suitable heatsink (heatsink @ Rca <0.2 K / W max.), it permits the junction temperature to
be lower than the rating (Tjmax = 200 degC): in fact, considering a 60% efficiency @ 2200
W, a DeltaTjc = 56 ° C, and DeltaTca <15 ° C, a Tj=95 ° C max. junction temperature can be
expected.
The ability of STAC® to dissipate a high power pulse (see AN3232) allows the possibility to
reduce board dimension and external heatsinks; so that, using the flangeless package
STAC 244F (see Figure 6), you can design a new board with the same electrical
characteristics but with a dimension target of 80 x 100 mm.
Figure 6.
STAC244B
AM10222V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com