Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4016 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4016
Description  2 kW PPA for ISM applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4016 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4016 Datasheet HTML 1Page - STMicroelectronics AN4016 Datasheet HTML 2Page - STMicroelectronics AN4016 Datasheet HTML 3Page - STMicroelectronics AN4016 Datasheet HTML 4Page - STMicroelectronics AN4016 Datasheet HTML 5Page - STMicroelectronics AN4016 Datasheet HTML 6Page - STMicroelectronics AN4016 Datasheet HTML 7Page - STMicroelectronics AN4016 Datasheet HTML 8Page - STMicroelectronics AN4016 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AN4016
Circuit description
Doc ID 022523 Rev 1
5/17
2
Circuit description
The Input RF network must be carefully designed respecting the correct electrical symmetry,
because it is affected by driving high level signals (Pin ~ 20 W), and is made up of:
1.
Balun transformer T1,
λ / 4-25 Ohm transmission line type @ 123 MHz, needed to
lower the 50 Ohm RF input impedance to 12.5 Ohm, and is realized in a stripline
technique on a 2-layer substrate (Roger 4350B, with a thickness of 20 +20 mils: see
Figure 5) and is fed by a suspended microstrip line ('line bridge' in Figure 3). Moreover,
T1, being a quasi one-dimensional RF structure, can be mapped on the PCB without
compromising the electrical symmetry. T1, finally, is loaded from R7 and R29 in order to
dampen reflected waves from the gates and for stability purposes.
2.
Two in-phase power splitters (L4, L8, C16, C18, C20) and (L12, L16, C36, C41, C45)
simply decrease the impedance level (2 Ohm), and more importantly, allow the gates of
each STAC4932 to be kept isolated.
3.
RF decoupling filters, fed through the VG1 and VG2 connectors (Figure 3) need to bias
each STAC4932B gate. They are essentially LC multi-section filters with capacitors of
several technologies (tantalum, ceramic) to improve effective broadband RF isolation.
Independent voltage dividers act on the 4 gates (R4, R32, R16, R33, R17, R34, R31, R35)
to assure broadband RF stability, while the lower value series resistors (R6, R8, R10, ...)
need to dampen mismatching reflections on the gate impedance and then mitigate any
asymmetries on the gate impedance value.
The output RF network acts on the DMOS drains, in order to achieve optimal impedance by
means of the RF transformer T2, and also to properly feed high DC current filtered at
Vd=100 V, through the output biasing network directly via the primary winding of T2.
The transformer T2 (ratio 4:1) is designed on the top/bottom layers (see Figure 7) using
substrate Roger 4350B of 60 mils thickness in suspended broadside coupled strips and acts
as a composite transmission line transformer in balanced to unbalanced mode. The RF
output (type N-female connector) is directly connected to the winding output strip of T2 (see
top view in Figure 7) through an air suspended microstrip-line (50 Ohm): in this way, the
current (differential) generated on the primary winding strip (on the top layer) between the
two STACs is moved from T2 versus unbalanced RF output by the ground of the plate
copper carrier (see Figure 8) without further wave discontinuity, therefore avoiding losses
and creating a reliable design to support very high RF output power.
The transformer T2 has been designed using commercially available SW (ADS, HFSS) and
continues the refinement between electromagnetic and circuit simulation: T2, in fact, uses a
lamped capacitor (C25, C26, C23 caps group on winding top strip, and C37, C42 caps
group on the bottom side strip) to tune the proper impedance for DMOS drains.
In particular, the output biasing network (acts through the center tap of the winding top strip
of T2) uses several multilayer ceramic capacitors, and also adds the following electrical
functions:
1.
Dampens voltage overshoot generated by each transient effected by pulsed RF
modulation: that is the group L10, R13, C29, C30, C33.
2.
Two test points can be inserted between two calibrated Rm resistors for current /
voltage monitoring.
3.
Lamp LED D1, for safety purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com