Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4016 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4016
Description  2 kW PPA for ISM applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4016 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4016 Datasheet HTML 8Page - STMicroelectronics AN4016 Datasheet HTML 9Page - STMicroelectronics AN4016 Datasheet HTML 10Page - STMicroelectronics AN4016 Datasheet HTML 11Page - STMicroelectronics AN4016 Datasheet HTML 12Page - STMicroelectronics AN4016 Datasheet HTML 13Page - STMicroelectronics AN4016 Datasheet HTML 14Page - STMicroelectronics AN4016 Datasheet HTML 15Page - STMicroelectronics AN4016 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Layout, parts list, and design considerations
AN4016
12/17
Doc ID 022523 Rev 1
Table 2.
Materials part list
Component
Description
Line bridge
Roger 4350B, three layers, 20+20 mils, 1 OZ Cu on top-mid-bottom layers, Finit. metal HAL LF;
total Tk=1.2 mm max., top screen printing component, tin chemical surface deposition.
Board input
Roger 4350B, three layers, 20+20 mils, 1 OZ Cu on top-mid-bottom layers, Finit. metal HAL LF;
total Tk=1.2 mm max., top screen printing comp., tin chemical surface deposition.
Fin fixing
Roger 4350B, two layers, Tk=60 mils, 1 OZ Cu on top- bottom layers, Finit. metal HAL LF; total
Tk=1.6 mm max., top screen printing comp., tin chemical surface deposition.
Board output
Roger 4350B, two layers, Tk=60 mils, 1 OZ Cu on top-bottom layers, Finit. metal HAL LF; total
Tk=1.6 mm max., top screen printing comp., tin chemical surface deposition.
Mechanical
plate
PPAMRI_002-Rev B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com