Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4016 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4016
Description  2 kW PPA for ISM applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4016 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4016 Datasheet HTML 9Page - STMicroelectronics AN4016 Datasheet HTML 10Page - STMicroelectronics AN4016 Datasheet HTML 11Page - STMicroelectronics AN4016 Datasheet HTML 12Page - STMicroelectronics AN4016 Datasheet HTML 13Page - STMicroelectronics AN4016 Datasheet HTML 14Page - STMicroelectronics AN4016 Datasheet HTML 15Page - STMicroelectronics AN4016 Datasheet HTML 16Page - STMicroelectronics AN4016 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
MRI board performance and application
AN4016
14/17
Doc ID 022523 Rev 1
4
MRI board performance and application
The power amplifier has been measured on two different RF scalar test benches: RF Power
Lab. in STM Catania (Italy) and RF Power Lab. in STM Quakertown (USA): the
measurements are in good agreement (+ / -0.15 dB max. error). The test includes a 2
kW/CW attenuator and a pulsed RF generator with high power amplifier driver to manage
large signals at RF input (20 W min.) with good harmonic rejection (-30 dBc).
Figure 9.
Gain and IRL frequency response
Figure 9 shows the large signal gain frequency response of the amplifier, as well as the
input return loss, while Figure 10 shows the gain compression curve and the drain efficiency
curve Vs output power at 123 MHz (Idq = 200 mA and Vds = 100 V) and RF pulse width=1
msec, duty cycle=10%. The maximum efficiency is 60% @ 2.2 kW of output power.
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
5
7
9
11
13
15
17
19
21
23
25
105
110
115
120
125
130
135
Freq(MHz)
STAC4932B - Gain & IRL Vs Freq @ Pin=43 dBm
PULSED WIDTH= 1msec, DUTYCYCLE =10%
Vds=100 VDC, Idq=2 x 100 mA
Gain
IRL
STAC244B
AM10225V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com