Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4016 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4016
Description  2 kW PPA for ISM applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4016 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4016 Datasheet HTML 7Page - STMicroelectronics AN4016 Datasheet HTML 8Page - STMicroelectronics AN4016 Datasheet HTML 9Page - STMicroelectronics AN4016 Datasheet HTML 10Page - STMicroelectronics AN4016 Datasheet HTML 11Page - STMicroelectronics AN4016 Datasheet HTML 12Page - STMicroelectronics AN4016 Datasheet HTML 13Page - STMicroelectronics AN4016 Datasheet HTML 14Page - STMicroelectronics AN4016 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AN4016
Layout, parts list, and design considerations
Doc ID 022523 Rev 1
11/17
C30
1000 pF
ATC
ATC100B102FWN300XC
C57, C58
3.3 pF
ATC
ATC100B3R3BW1500XT
C8, C31, C32, C50
470 pF
ATC
ATC 100B 471FWN200XC
C2, C17, C24, C34, C40, C55,
C59, C60, C61, C62, C63, C64
2000 pF
ATC
ATC 200A202KTN50C
C9, C14
1 µF, 100 V
AVX
22201C105KAT2A
C33
1 µF, 100 V
AVX
12101C105K4Z2A
C21
18 pF
ATC
ATC100B180FWN1500XT
C25
75 pF
ATC
ATC100B750FWN1500XC
C26, C23
100 pF
ATC
ATC100B101FWN1500XC
C37, C42
56 pF
ATC
ATC100B560FWN1500XC
L10
700 nH
Coilcraft
CP-K0376-A
L2, L5, L13, L15
82 nH
Coilcraft
1515SQ-82NJEB
L3, L14
110 nH
Coilcraft
132-10SMJ
L4, L8, L12, L16
5.4 nH
Coilcraft
0906-5JLB
R1, R5, R28, R30
50
Ω, 100 W
Anaren
C100N50Z4
R9
5600
Ω
Tyco Electronics
SMF25K6JT
R13
22
Ω
Tyco Electronics
SMW222RJT
R7, R29
100
Ω
Panasonic
ERJP14J101U
R11, R22
4.7
Ω
Vishay
4.7 Ohm -1206
R3, R24
43
Ω
Panasonic
ERJP14J430U
R32, R33, R34, R35
27
Ω
Panasonic
ERJP14J270U
R4, R16, R17, R31
20
Ω
Panasonic
ERJP14J200U
R6, R8, R10, R12, R14, R15, R19,
R20, R21,R25,R26, R27
1
Ω
Phycomp
232271111108
Rm x 2
0.001 m
Ω
Tyco Electronics
TL3A R001 1%
1P_J3
1 double pole
Wieland
25.700.0153.0
Spacer_J3
Spacer
Wieland
07.300.2753.0
3P_J1,J2
3 poles
PHOENIX CONTACT
1725669
P2
N_Female
Telegartner
J01021A1084
P1
SMA_Female
RADIALL
R124.510.000W
(Q1-Q2)/(Q3-Q4)
STAC4932B
STMicroelectronics
STAC4932B
D1
LED
Kingbright
KP-1608SURC
Table 1.
2 kW MRI part list (continued)
Component ID
Value
Manufacturer
Part code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com