Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4038 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4038
Description  Guidelines to optimize proximity detection with STM8TL5xxx capacitive sensors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4038 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4038 Datasheet HTML 24Page - STMicroelectronics AN4038 Datasheet HTML 25Page - STMicroelectronics AN4038 Datasheet HTML 26Page - STMicroelectronics AN4038 Datasheet HTML 27Page - STMicroelectronics AN4038 Datasheet HTML 28Page - STMicroelectronics AN4038 Datasheet HTML 29Page - STMicroelectronics AN4038 Datasheet HTML 30Page - STMicroelectronics AN4038 Datasheet HTML 31Page - STMicroelectronics AN4038 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
Proximity sensor design
AN4038
28/39
Doc ID 022686 Rev 1
Figure 27 shows the theoretical detection distance versus the distance between the ground
backplane and the sensor for two dielectric materials: air and FR4.
Figure 27.
Detection distance versus distance between ground backplane and
electrode for two dielectric materials (air and FR4)
It is strongly advised never to put ground planes behind the sensor and to keep a clearance
distance between it and any ground object with an air thickness greater than 2 mm. For air
thicknesses under 2 mm, the ground backplane strongly decreases detection range.
The closer the surrounding ground is to the electrode plates, the lower the sensitivity is.
Table 7 shows that at a surrounding clearance of 2 mm, the detection distance is drastically
reduced.
In addition, the ground surrounding reduces the electrode detection area significantly.
Figure 28 shows the detection area and detection ranges obtained with a finger using the
same electrode with and without ground surrounding.
Table 7.
Detection range versus electrode ground surrounding
Surrounding clearance (mm)
Detection distance (mm)
211
515
10
23
No ground
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com