Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4038 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN4038
Description  Guidelines to optimize proximity detection with STM8TL5xxx capacitive sensors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4038 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN4038 Datasheet HTML 28Page - STMicroelectronics AN4038 Datasheet HTML 29Page - STMicroelectronics AN4038 Datasheet HTML 30Page - STMicroelectronics AN4038 Datasheet HTML 31Page - STMicroelectronics AN4038 Datasheet HTML 32Page - STMicroelectronics AN4038 Datasheet HTML 33Page - STMicroelectronics AN4038 Datasheet HTML 34Page - STMicroelectronics AN4038 Datasheet HTML 35Page - STMicroelectronics AN4038 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Environmental variation
AN4038
32/39
Doc ID 022686 Rev 1
6
Environmental variation
6.1
Power supply variation influence
The stability of the device power supply is critical to provide a precise and repeatable
capacitance measurement. Consequently, a linear regulator is embedded into STM8TL5xxx
devices to provide the best power supply noise rejection possible.
Even with the embedded regulator, variations of the power supply voltage may have an
impact on the measured signal, especially in proximity configurations with a large
acquisition gain and small sensitivity threshold.
A variation of the power supply voltage (
ΔV) induces a variation of the signal burst count
(
ΔBC). This variation depends on the sensitivity: a high sensitivity (high target reference)
increases the effect of the power supply variation and can lead to an unstable proximity
detection.
Figure 31 shows the burst count signal variation with VDD variation from 1.8 V to 3.3 V with
different target references. For this test, the system was calibrated at VDD = 3.3 V.
Figure 31.
Burst count variation versus VDD and target reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com