Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4038 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN4038
Description  Guidelines to optimize proximity detection with STM8TL5xxx capacitive sensors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4038 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN4038 Datasheet HTML 31Page - STMicroelectronics AN4038 Datasheet HTML 32Page - STMicroelectronics AN4038 Datasheet HTML 33Page - STMicroelectronics AN4038 Datasheet HTML 34Page - STMicroelectronics AN4038 Datasheet HTML 35Page - STMicroelectronics AN4038 Datasheet HTML 36Page - STMicroelectronics AN4038 Datasheet HTML 37Page - STMicroelectronics AN4038 Datasheet HTML 38Page - STMicroelectronics AN4038 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
AN4038
Conclusion
Doc ID 022686 Rev 1
37/39
7.2
Influential parameters summary
Table 9 summarizes the main parameters influencing detection distance and noise.
In conclusion, many considerations need to be take into account including application
constraints, environmental change, board design constraints, and power supply.
Generally, the best thing to do is to develop a prototyping proximity board to fine-tune the
different parameters of the application and come to a reliable solution in terms of sensitivity
and stability.
Table 9.
influential parameters summary
Parameter
Detection
distance
Noise
Minimum interval
recommended
Increasing CS capacitor
--
++
Increasing target reference
+++
--
≥300
Decreasing detection threshold
++
0
≥4 ∗ noise standard deviation
Spacing between Tx and Rx
electrode
+++
--
≥2 mm
Increasing Tx/Rx length
++
++
Increasing Tx/Rx width
++
≥1.5 mm
Decreasing distance between ground
plane and sensor
---
-
Decreasing distance between ground
surrounding and sensor
---
-
≥2 mm(with air as dielectric)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com