Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4038 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN4038
Description  Guidelines to optimize proximity detection with STM8TL5xxx capacitive sensors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4038 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN4038 Datasheet HTML 29Page - STMicroelectronics AN4038 Datasheet HTML 30Page - STMicroelectronics AN4038 Datasheet HTML 31Page - STMicroelectronics AN4038 Datasheet HTML 32Page - STMicroelectronics AN4038 Datasheet HTML 33Page - STMicroelectronics AN4038 Datasheet HTML 34Page - STMicroelectronics AN4038 Datasheet HTML 35Page - STMicroelectronics AN4038 Datasheet HTML 36Page - STMicroelectronics AN4038 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
AN4038
Environmental variation
Doc ID 022686 Rev 1
33/39
6.2
Temperature and humidity variation influence
6.2.1
Temperature influence
A variation of the temperature induces a variation of the measured signal. STM8TL5xxx
devices compensate this by slowly tracking environmental changes thanks to the ECS
(environment control system). Figure 32 shows the acquisition signal variation versus
temperature.
Figure 32.
Acquisition signal variation versus temperature
A variation of the temperature (
ΔT) induces a variation of the signal burst count (ΔBC). This
ΔBC variation depends on the device sensitivity. The higher the sensitivity is, the higher the
burst count variation with temperature variation is. The ECS is able to compensate slow
temperature variations but, an application subjected to fast and brutal temperature variation
may give unstable proximity detections. Therefore, careful attention should be taken to avoid
abrupt changes in temperature. Note that the decrease of the reference decreases the
sensitivity. However, sensitivity can be compensated by the EPCC which is directly
managed by the STM8TL5x STMTouch library.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com