Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4038 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN4038
Description  Guidelines to optimize proximity detection with STM8TL5xxx capacitive sensors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4038 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN4038 Datasheet HTML 31Page - STMicroelectronics AN4038 Datasheet HTML 32Page - STMicroelectronics AN4038 Datasheet HTML 33Page - STMicroelectronics AN4038 Datasheet HTML 34Page - STMicroelectronics AN4038 Datasheet HTML 35Page - STMicroelectronics AN4038 Datasheet HTML 36Page - STMicroelectronics AN4038 Datasheet HTML 37Page - STMicroelectronics AN4038 Datasheet HTML 38Page - STMicroelectronics AN4038 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
AN4038
Conclusion
Doc ID 022686 Rev 1
35/39
7
Conclusion
This proximity sensor guideline gives some indications of the parameters to consider when
developing a proximity application.
Results from the tests presented in this application note, advise designers to find the best
compromise between sensitivity, stability, and noise immunity.
7.1
Practical example
An example is given below of how to design two electrodes which have a size constraint.
●
Electrode #1, size constraint = 50 mm2
●
Electrode #2, size constraint = 300 mm2
In accordance with the recommendations given in this application note, to obtain the best
detection range and the least noise amplitude, the following parameters for Electrode #1
and Electrode #2 are proposed.
Electrode #1
●
Because of its small size, increase the spacing between the Tx/Rx electrodes as much
as possible. This should improve detection distance and increase noise. The best
compromise is to favor the best detection distance. Take care not to space the
electrodes too far apart as this can create a projected capacitance which is too small. If
this happens, STM8TL5xxx devices are not be able to compensate part of the
projected capacitance with the EPCC to achieve the target reference. Consequently,
the EPCC will be out of the recommended range (see Section 3.4: Electrode parasitic
capacitance compensation (EPCC) and can lead to an unstable proximity system.
Electrode spacing selected: 4 mm.
●
Increase the Rx/Tx electrode length to improve the detection distance and decrease
the noise by increasing the projected capacitance. Electrode length selected: 7mm
●
Chose an electrode width which does not penalize the detection distance and does not
increase noise. Electrode width selected: 1.5 mm.
●
Reduce the target reference as much as possible to reduce noise, but check the EPCC
value is in the recommended range. The target reference selected is 1000 and the
threshold setup is in accordance with the noise standard deviation recommendation.
Electrode #2
●
With a big electrode, increase the Rx/Tx length to improve detection distance and
reduce noise. Electrode length selected: 35 mm
●
Increase the spacing between the Tx and Rx electrodes to improve the detection
range. Note that increasing the spacing increases noise: always give preference to
increasing electrode length before electrode spacing. Electrode spacing selected:
5 mm.
●
Chose an electrode width which does not penalize the detection distance or increase
noise. Electrode width selected: 1.5 mm.
Figure 34 shows the parameters chosen for electrodes #1 and #2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com