Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 150 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 150 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 146Page - STMicroelectronics PM0214 Datasheet HTML 147Page - STMicroelectronics PM0214 Datasheet HTML 148Page - STMicroelectronics PM0214 Datasheet HTML 149Page - STMicroelectronics PM0214 Datasheet HTML 150Page - STMicroelectronics PM0214 Datasheet HTML 151Page - STMicroelectronics PM0214 Datasheet HTML 152Page - STMicroelectronics PM0214 Datasheet HTML 153Page - STMicroelectronics PM0214 Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 245 page
background image
The STM32 Cortex-M4 instruction set
PM0214
150/245
DocID022708 Rev 4
3.10.2
VADD
Floating-point Add
Syntax
VADD{cond}.F32 {Sd,} Sn, Sm
where:
•
‘cond’ is an optional condition code, see Conditional execution on page 64.
•
‘Sd’ is the destination floating-point value
•
‘Sn, Sm’ are the operand floating-point values.
Operation
This instruction:
1.
Adds the values in the two floating-point operand registers.
2.
Places the results in the destination floating-point register.
Restrictions
There are no restrictions.
Condition flags
This instruction does not change the flags.
Examples
VADD.F32 S4, S6, S7
3.10.3
VCMP, VCMPE
Compares two floating-point registers, or one floating-point register and zero.
Syntax
VCMP{E}{cond}.F32 Sd, Sm
VCMP{E}{cond}.F32 Sd, #0.0
where:
•
‘cond’ is an optional condition code, see Conditional execution on page 64.
•
‘E’ If present, any NaN operand causes an Invalid Operation exception. Otherwise,
only a signaling NaN causes the exception.
•
‘Sd’ is the floating-point operand to compare.
•
‘Sm’ is the floating-point operand that is compared with
Operation
This instruction:
1.
Compares:
Two floating-point registers.
One floating-point register and zero.
1.
Writes the result to the FPSCR flags.
Restrictions
This instruction can raise an Invalid Operation exception if either operand is any type of
NaN. It always raises an Invalid
Operation exception if either operand is a signaling NaN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com