Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 151 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 151 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 147Page - STMicroelectronics PM0214 Datasheet HTML 148Page - STMicroelectronics PM0214 Datasheet HTML 149Page - STMicroelectronics PM0214 Datasheet HTML 150Page - STMicroelectronics PM0214 Datasheet HTML 151Page - STMicroelectronics PM0214 Datasheet HTML 152Page - STMicroelectronics PM0214 Datasheet HTML 153Page - STMicroelectronics PM0214 Datasheet HTML 154Page - STMicroelectronics PM0214 Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 245 page
background image
DocID022708 Rev 4
151/245
PM0214
The STM32 Cortex-M4 instruction set
244
Condition flags
When this instruction writes the result to the FPSCR flags, the values are normally
transferred to the ARM flags by a subsequent VMRS instruction, see VMRS on page 162.
Examples
VCMP.F32
S4, #0.0
VCMP.F32
S4, S2
3.10.4
VCVT, VCVTR between floating-point and integer
Converts a value in a register from floating-point to a 32-bit integer.
Syntax
VCVT{R}{cond}.Tm.F32 Sd, Sm
VCVT{cond}.F32.Tm Sd, Sm
where:
•
‘R’ .
If R is specified, the operation uses the rounding mode specified by the FPSCR.
If R is omitted. the operation uses the Round towards Zero rounding mode.
•
‘cond’ is an optional condition code, see Conditional execution on page 64.
•
‘Tm’ is the data type for the operand. It must be one of:
S32
signed 32-bit value.
U32
unsigned 32-bit value.
•
‘Sd, Sm’ are the destination register and the operand register.
Operation
These instructions:
1.
Either
•
Converts a value in a register from floating-point value to a 32-bit integer.
•
Converts from a 32-bit integer to floating-point value.
2.
Places the result in a second register.
The floating-point to integer operation normally uses the Round towards Zero rounding
mode, but can optionally use the rounding mode specified by the FPSCR.
The integer to floating-point operation uses the rounding mode specified by the FPSCR.
Restrictions
There are no restrictions.
Condition flags
These instructions do not change the flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com