Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 152 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 148Page - STMicroelectronics PM0214 Datasheet HTML 149Page - STMicroelectronics PM0214 Datasheet HTML 150Page - STMicroelectronics PM0214 Datasheet HTML 151Page - STMicroelectronics PM0214 Datasheet HTML 152Page - STMicroelectronics PM0214 Datasheet HTML 153Page - STMicroelectronics PM0214 Datasheet HTML 154Page - STMicroelectronics PM0214 Datasheet HTML 155Page - STMicroelectronics PM0214 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 245 page
background image
The STM32 Cortex-M4 instruction set
PM0214
152/245
DocID022708 Rev 4
3.10.5
VCVT between floating-point and fixed-point
Converts a value in a register from floating-point to and from fixed-point.
Syntax
VCVT{cond}.Td.F32 Sd, Sd, #fbits
VCVT{cond}.F32.Td Sd, Sd, #fbits
where:
•
‘cond’ is an optional condition code, see Conditional execution on page 64.
•
‘Td’ is the data type for the fixed-point number. It must be one of:
S16
signed 16-bit value.
U16
unsigned 16-bit value.
S32
signed 32-bit value.
U32
unsigned 32-bit value.
•
‘Sd’ is the destination register and the operand register.
•
‘fbits’ is the number of fraction bits in the fixed-point number:
If Td is S16 or U16, fbits must be in the range 0-16.
I f Td is S32 or U32, fbits must be in the range 1-32.
Operation
These instructions:
Either
Converts a value in a register from floating-point to fixed-point.
Converts a value in a register from fixed-point to floating-point.
Places the result in a second register.
The floating-point values are single-precision.
The fixed-point value can be 16-bit or 32-bit. Conversions from fixed-point values take their
operand from the low-order bits of the source register and ignore any remaining bits.
Signed conversions to fixed-point values sign-extend the result value to the destination
register width.
Unsigned conversions to fixed-point values zero-extend the result value to the destination
register width.
The floating-point to fixed-point operation uses the Round towards Zero rounding mode.
The fixed-point to floating-point operation uses the Round to Nearest rounding mode.
Restrictions
There are no restrictions.
Condition flags
These instructions do not change the flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com