Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 200 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 200 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 196Page - STMicroelectronics PM0214 Datasheet HTML 197Page - STMicroelectronics PM0214 Datasheet HTML 198Page - STMicroelectronics PM0214 Datasheet HTML 199Page - STMicroelectronics PM0214 Datasheet HTML 200Page - STMicroelectronics PM0214 Datasheet HTML 201Page - STMicroelectronics PM0214 Datasheet HTML 202Page - STMicroelectronics PM0214 Datasheet HTML 203Page - STMicroelectronics PM0214 Datasheet HTML 204Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 245 page
background image
Core peripherals
PM0214
200/245
DocID022708 Rev 4
4.3.7
Interrupt priority registers (NVIC_IPRx)
Address offset: 0x00- 0x0B
Reset value: 0x0000 0000
Required privilege: Privileged
The NVIC_IPR0-IPR80 registers provide an 8-bit priority field for each interrupt. These
registers are byte-accessible. Each register holds four priority fields, that map to four
elements in the CMSIS interrupt priority array IP[0] to IP[67], as shown in Figure 19.
Figure 19. NVIC_IPRx register mapping
See Interrupt set-enable registers (NVIC_ISERx) on page 195 for more information about
the interrupt priority array, that provides the software view of the interrupt priorities.
Find the IPR number and byte offset for interrupt N as follows:
•
The corresponding IPR number, M, is given by M = N DIV 4
•
The byte offset of the required Priority field in this register is N MOD 4, where:
–
byte offset 0 refers to register bits[7:0]
–
byte offset 1 refers to register bits[15:8]
–
byte offset 2 refers to register bits[23:16]
–
byte offset 3 refers to register bits[31:24].
Table 47. IPR bit assignments
Bits
Name
Function
[31:24]
Priority, byte offset 3
Each priority field holds a priority value, 0-255. The lower the value,
the greater the priority of the corresponding interrupt. The processor
implements only bits[7:4] of each field, bits[3:0] read as zero and
ignore writes.
[23:16]
Priority, byte offset 2
[15:8]
Priority, byte offset 1
[7:0]
Priority, byte offset 0
31
24 23
16 15
8 7
0
IP[80]
IPR20
IP[4m+ 3]
IP[4m+ 2]
IP[4m+ 1]
IP[4m]
IPRm
IP[3]
IP[2]
IP[1]
IP[0]
IPR0
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com