Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 204 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 204 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 200Page - STMicroelectronics PM0214 Datasheet HTML 201Page - STMicroelectronics PM0214 Datasheet HTML 202Page - STMicroelectronics PM0214 Datasheet HTML 203Page - STMicroelectronics PM0214 Datasheet HTML 204Page - STMicroelectronics PM0214 Datasheet HTML 205Page - STMicroelectronics PM0214 Datasheet HTML 206Page - STMicroelectronics PM0214 Datasheet HTML 207Page - STMicroelectronics PM0214 Datasheet HTML 208Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 245 page
background image
Core peripherals
PM0214
204/245
DocID022708 Rev 4
4.3.11
NVIC register map
This table shows the NVIC register map and reset values. The base address of the main
NVIC register block is 0xE000E100. The NVIC_STIR register is located in a separate block
at 0xE000EF00.
Table 49. NVIC register map and reset values
Offset
Register
0x000
NVIC_ISER0
SETENA[31:0]
Reset Value
0000000 0000000000 00 00 0 0 0 0 0 0 0 0 0 0 0
0x004
NVIC_ISER1
SETENA[63:32]
Reset Value
0000000 0000000000 00 00 0 0 0 0 0 0 0 0 0 0 0
0x008
NVIC_ISER2
Reserved
SETENA [80:64]
Reset Value
0 00 00 000 00 00 000 00
0x080
NVIC_ICER0
CLRENA[31:0]
Reset Value
0000000 0000000000 00 00 0 0 0 0 0 0 0 0 0 0 0
0x084
NVIC_ICER1
CLRENA[63:32]
Reset Value
0000000 0000000000 00 00 0 0 0 0 0 0 0 0 0 0 0
0x088
NVIC_ICER2
Reserved
CLRENA [80:64]
Reset Value
0 00 00 000 00 00 000 00
0x100
NVIC_ISPR0
SETPEND[31:0]
Reset Value
0000000 0000000000 00 00 0 0 0 0 0 0 0 0 0 0 0
0x104
NVIC_ISPR1
SETPEND[63:32]
Reset Value
0000000 0000000000 00 00 0 0 0 0 0 0 0 0 0 0 0
0x108
NVIC_ISPR2
Reserved
SETPEND [80:64]
Reset Value
0 00 00 000 00 00 000 00
0x180
NVIC_ICPR0
CLRPEND[31:0]
Reset Value
0000000 0000000000 00 00 0 0 0 0 0 0 0 0 0 0 0
0x184
NVIC_ICPR1
CLRPEND[63:32]
Reset Value
0000000 0000000000 00 00 0 0 0 0 0 0 0 0 0 0 0
0x188
NVIC_ICPR2
Reserved
CLRPEND [80:64]
Reset Value
0 00 00 000 00 00 000 00
0x200
NVIC_IABR0
ACTIVE[31:0]
Reset Value
0000000 0000000000 00 00 0 0 0 0 0 0 0 0 0 0 0
0x204
NVIC_IABR1
ACTIVE[63:32]
Reset Value
0000000 0000000000 00 00 0 0 0 0 0 0 0 0 0 0 0
0x208
NVIC_IABR2
Reserved
ACTIVE [80:64]
Reset Value
0 00 00 000 00 00 000 00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com