Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 206 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 206 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 202Page - STMicroelectronics PM0214 Datasheet HTML 203Page - STMicroelectronics PM0214 Datasheet HTML 204Page - STMicroelectronics PM0214 Datasheet HTML 205Page - STMicroelectronics PM0214 Datasheet HTML 206Page - STMicroelectronics PM0214 Datasheet HTML 207Page - STMicroelectronics PM0214 Datasheet HTML 208Page - STMicroelectronics PM0214 Datasheet HTML 209Page - STMicroelectronics PM0214 Datasheet HTML 210Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 245 page
background image
Core peripherals
PM0214
206/245
DocID022708 Rev 4
4.4
System control block (SCB)
The System control block (SCB) provides system implementation information, and system
control. This includes configuration, control, and reporting of the system exceptions.
Table 50. Summary of the system control block registers
Address
Name
Type
Required
privilege
Reset value
Description
0xE000E008 ACTLR
RW
Privileged 0x00000000
Table 4.4.1: Auxiliary control register (ACTLR) on
page 207
0xE000ED00 CPUID
RO
Privileged 0x410FC241 Table 4.4.2: CPUID base register (CPUID) on page 208
0xE000ED04 ICSR
RW(1) Privileged 0x00000000
Table 4.4.3: Interrupt control and state register (ICSR)
on page 210
0xE000ED08 VTOR
RW
Privileged 0x00000000
Table 4.4.4: Vector table offset register (VTOR) on
page 212
0xE000ED0C AIRCR
RW(1) Privileged 0xFA050000
Table 4.4.5: Application interrupt and reset control
register (AIRCR) on page 212
0xE000ED10 SCR
RW
Privileged 0x00000000
Table 4.4.6: System control register (SCR) on
page 214
0xE000ED14 CCR
RW
Privileged 0x00000200
Table 4.4.7: Configuration and control register (CCR)
on page 215
0xE000ED18 SHPR1
RW
Privileged 0x00000000
Table 4.4.8: System handler priority registers (SHPRx)
on page 217
0xE000ED1C SHPR2
RW
Privileged 0x00000000
0xE000ED20 SHPR3
RW
Privileged 0x00000000
0xE000ED24 SHCRS RW
Privileged 0x00000000
Table 4.4.9: System handler control and state register
(SHCSR) on page 219
0xE000ED28 CFSR
RW
Privileged 0x00000000
Table 4.4.10: Configurable fault status register (CFSR;
UFSR+BFSR+MMFSR) on page 221
0xE000ED28
MMSR
(2)
RW
Privileged 0x00
MemManage Fault Status Register Table 4.4.10 on
page 221
0xE000ED29 BFSR(2) RW
Privileged 0x00
BusFault Status Register Table 4.4.10 on page 221
0xE000ED2A UFSR(2) RW
Privileged 0x0000
UsageFault Status Register Table 4.4.10 on page 221
0xE000ED2C HFSR
RW
Privileged 0x00000000
Table 4.4.14: Hard fault status register (HFSR) on
page 225
0xE000ED34 MMAR
RW
Privileged Unknown
Table 4.4.15: Memory management fault address
register (MMFAR) on page 226
0xE000ED38 BFAR
RW
Privileged Unknown
Table 4.4.16: Bus fault address register (BFAR) on
page 226
0xE000ED3C AFSR
RW
Privileged 0x00000000
Table 4.4.17: Auxiliary fault status register (AFSR) on
page 227
1. See the register description for more information.
2. A subregister of the CFSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com