Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 210 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 210 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 206Page - STMicroelectronics PM0214 Datasheet HTML 207Page - STMicroelectronics PM0214 Datasheet HTML 208Page - STMicroelectronics PM0214 Datasheet HTML 209Page - STMicroelectronics PM0214 Datasheet HTML 210Page - STMicroelectronics PM0214 Datasheet HTML 211Page - STMicroelectronics PM0214 Datasheet HTML 212Page - STMicroelectronics PM0214 Datasheet HTML 213Page - STMicroelectronics PM0214 Datasheet HTML 214Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 245 page
background image
Core peripherals
PM0214
210/245
DocID022708 Rev 4
4.4.3
Interrupt control and state register (ICSR)
Address offset: 0x04
Reset value: 0x0000 0000
Required privilege: Privileged
The ICSR:
•
Provides:
–
A set-pending bit for the Non-Maskable Interrupt (NMI) exception
–
Set-pending and clear-pending bits for the PendSV and SysTick exceptions
•
Indicates:
–
The exception number of the exception being processed
–
Whether there are preempted active exceptions
–
The exception number of the highest priority pending exception
–
Whether any interrupts are pending.
Caution:
When you write to the ICSR, the effect is unpredictable if you:
•
Write 1 to the PENDSVSET bit and write 1 to the PENDSVCLR bit
•
Write 1 to the PENDSTSET bit and write 1 to the PENDSTCLR bit.
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
Reserved
Reserved
VECTPENDING[6:4]
rw
rw
w
rw
w
r
r
r
r
15
14
13
12
11
10
9
8
76
54
3
21
0
VECTPENDING[3:0]
Reserved
VECTACTIVE[8:0]
r
rrrr
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bit 31
NMIPENDSET: NMI set-pending bit.
Write:
0: No effect
1: Change NMI exception state to pending.
Read:
0: NMI exception is not pending
1: NMI exception is pending
Because NMI is the highest-priority exception, normally the processor enter the NMI
exception handler as soon as it registers a write of 1 to this bit, and entering the handler clears
this bit to 0. A read of this bit by the NMI exception handler returns 1 only if the NMI signal is
reasserted while the processor is executing that handler.
Bits 30:29
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com