Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 211 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 211 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 207Page - STMicroelectronics PM0214 Datasheet HTML 208Page - STMicroelectronics PM0214 Datasheet HTML 209Page - STMicroelectronics PM0214 Datasheet HTML 210Page - STMicroelectronics PM0214 Datasheet HTML 211Page - STMicroelectronics PM0214 Datasheet HTML 212Page - STMicroelectronics PM0214 Datasheet HTML 213Page - STMicroelectronics PM0214 Datasheet HTML 214Page - STMicroelectronics PM0214 Datasheet HTML 215Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 245 page
background image
DocID022708 Rev 4
211/245
PM0214
Core peripherals
244
Bit 28
PENDSVSET: PendSV set-pending bit.
Write:
0: No effect
1: Change PendSV exception state to pending.
Read:
0: PendSV exception is not pending
1: PendSV exception is pending
Writing 1 to this bit is the only way to set the PendSV exception state to pending.
Bit 27
PENDSVCLR: PendSV clear-pending bit. This bit is write-only. On a read, value is unknown.
0: No effect
1: Removes the pending state from the PendSV exception.
Bit 26
PENDSTSET: SysTick exception set-pending bit.
Write:
0: No effect
1: Change SysTick exception state to pending
Read:
0: SysTick exception is not pending
1: SysTick exception is pending
Bit 25
PENDSTCLR: SysTick exception clear-pending bit. Write-only. On a read, value is unknown.
0: No effect
1: Removes the pending state from the SysTick exception.
Bit 24
Reserved, must be kept cleared.
Bit 23
This bit is reserved for Debug use and reads-as-zero when the processor is not in Debug.
Bit 22
ISRPENDING: Interrupt pending flag, excluding NMI and Faults.
0: Interrupt not pending
1: Interrupt pending
Bits 21:19
Reserved, must be kept cleared.
Bits 18:12
VECTPENDING: Pending vector. Indicates the exception number of the highest priority
pending enabled exception.
0: No pending exceptions
Other values: The exception number of the highest priority pending enabled exception.
The value indicated by this field includes the effect of the BASEPRI and FAULTMASK
registers, but not any effect of the PRIMASK register.
Bit 11
RETTOBASE: Return to base level. Indicates whether there are preempted active
exceptions:
0: There are preempted active exceptions to execute
1: There are no active exceptions, or the currently-executing exception is the only active
exception.
Bits 10:9
Reserved
Bits 8:0
VECTACTIVE Active vector. Contains the active exception number:
0: Thread mode
Other values: The exception number(1) of the currently active exception.
Note: Subtract 16 from this value to obtain CMSIS IRQ number required to index into the
Interrupt Clear-Enable, Set-Enable, Clear-Pending, Set-Pending, or Priority Registers,
see Table 6 on page 21.
1. This is the same value as IPSR bits[8:0], see Interrupt program status register on page 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com