Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 207 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 207 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 203Page - STMicroelectronics PM0214 Datasheet HTML 204Page - STMicroelectronics PM0214 Datasheet HTML 205Page - STMicroelectronics PM0214 Datasheet HTML 206Page - STMicroelectronics PM0214 Datasheet HTML 207Page - STMicroelectronics PM0214 Datasheet HTML 208Page - STMicroelectronics PM0214 Datasheet HTML 209Page - STMicroelectronics PM0214 Datasheet HTML 210Page - STMicroelectronics PM0214 Datasheet HTML 211Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 245 page
background image
DocID022708 Rev 4
207/245
PM0214
Core peripherals
244
4.4.1
Auxiliary control register (ACTLR)
Address offset: 0x00 (base adress = 0xE000 E008)
Reset value: 0x0000 0000
Required privilege: Privileged
By default this register is set to provide optimum performance from the Cortex-M4
processor, and does not normally require modification. The ACTLR register provides disable
bits for the following processor functions:
•
IT folding
•
write buffer use for accesses to the default memory map
•
interruption of multi-cycle instructions.
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
76
54
3
21
0
Reserved
DISOO
FP
DISFP
CA
DISFOL
D
DISDE
FWBUF
DISMC
YCINT
rw
rw
rw
rw
rw
Bits 31:10
Reserved
Bit 9
DISOOFP
Disables floating point instructions completing out of order with respect to integer instructions.
Bit 8
DISFPCA
Disables automatic update of CONTROL.FPCA.
The value of this bit should be written as zero or preserved (SBZP).
Bit 7:3
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com