Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 213 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 213 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 209Page - STMicroelectronics PM0214 Datasheet HTML 210Page - STMicroelectronics PM0214 Datasheet HTML 211Page - STMicroelectronics PM0214 Datasheet HTML 212Page - STMicroelectronics PM0214 Datasheet HTML 213Page - STMicroelectronics PM0214 Datasheet HTML 214Page - STMicroelectronics PM0214 Datasheet HTML 215Page - STMicroelectronics PM0214 Datasheet HTML 216Page - STMicroelectronics PM0214 Datasheet HTML 217Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 245 page
background image
DocID022708 Rev 4
213/245
PM0214
Core peripherals
244
Binary point
The PRIGROUP field indicates the position of the binary point that splits the PRI_n fields in
the Interrupt Priority Registers into separate group priority and subpriority fields. Table 51
shows how the PRIGROUP value controls this split. If you implement fewer than 8 priority
bits you might require more explanation here, and want to remove invalid rows from the
table, and modify the entries in the number of columns.
Bits 31:16
VECTKEYSTAT/ VECTKEY Register key
Reads as 0xFA05
On writes, write 0x5FA to VECTKEY, otherwise the write is ignored.
Bit 15
ENDIANESS Data endianness bit
Reads as 0.
0: Little-endian
Bits 14:11
Reserved, must be kept cleared
Bits 10:8
PRIGROUP: Interrupt priority grouping field
This field determines the split of group priority from subpriority, see Binary point on page 213.
Bits 7:3
Reserved, must be kept cleared
Bit 2
SYSRESETREQ System reset request
This is intended to force a large system reset of all major components except for debug.
This bit reads as 0.
0: No system reset request
1: Asserts a signal to the outer system that requests a reset.
Bit 1
VECTCLRACTIVE
Reserved for Debug use. This bit reads as 0. When writing to the register you must write 0 to
this bit, otherwise behavior is unpredictable.
Bit 0
VECTRESET
Reserved for Debug use. This bit reads as 0. When writing to the register you must write 0 to
this bit, otherwise behavior is unpredictable.
Table 51. Priority grouping
PRIGROUP
[2:0]
Interrupt priority level value, PRI_N[7:4]
Number of
Binary
point(1)
1. PRI_n[7:4] field showing the binary point. x denotes a group priority field bit, and y denotes a subpriority
field bit.
Group priority
bits
Subpriority
bits
Group
priorities
Sub
priorities
0b011
0bxxxx
[7:4]
None
16
None
0b100
0bxxx.y
[7:5]
[4]
8
2
0b101
0bxx.yy
[7:6]
[5:4]
4
4
0b110
0bx.yyy
[7]
[6:4]
2
8
0b111
0b.yyyy
None
[7:4]
None
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com