Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 217 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 217 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 213Page - STMicroelectronics PM0214 Datasheet HTML 214Page - STMicroelectronics PM0214 Datasheet HTML 215Page - STMicroelectronics PM0214 Datasheet HTML 216Page - STMicroelectronics PM0214 Datasheet HTML 217Page - STMicroelectronics PM0214 Datasheet HTML 218Page - STMicroelectronics PM0214 Datasheet HTML 219Page - STMicroelectronics PM0214 Datasheet HTML 220Page - STMicroelectronics PM0214 Datasheet HTML 221Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 245 page
background image
DocID022708 Rev 4
217/245
PM0214
Core peripherals
244
4.4.8
System handler priority registers (SHPRx)
The SHPR1-SHPR3 registers set the priority level, 0 to 255 of the exception handlers that
have configurable priority.
SHPR1-SHPR3 are byte accessible.
The system fault handlers and the priority field and register for each handler are:
Each PRI_N field is 8 bits wide, but the processor implements only bits[7:3] of each field,
and bits[3:0] read as zero and ignore writes (where M=4).
System handler priority register 1 (
SHPR1)
Address offset: 0x18
Reset value: 0x0000 0000
Required privilege: Privileged
System handler priority register 2 (SHPR2)
Address offset: 0x1C
Reset value: 0x0000 0000
Required privilege: Privileged
Table 52. System fault handler priority fields
Handler
Field
Register description
Memory management fault
PRI_4
System handler priority register 1 (SHPR1)
Bus fault
PRI_5
Usage fault
PRI_6
SVCall
PRI_11
System handler priority register 2 (SHPR2) on
page 217
PendSV
PRI_14
System handler priority register 3 (SHPR3) on
page 218
SysTick
PRI_15
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
PRI_6[7:4]
PRI_6[3:0]
rw
rw
rw
rw
r
r
r
r
15
14
13
12
11
10
9
8
76
54
3
21
0
PRI_5[7:4]
PRI_5[3:0]
PRI_4[7:4]
PRI_4[7:4]
rw
rw
rw
rw
r
r
r
r
rw
rw
rw
rw
r
r
r
r
Bits 31:24
Reserved, must be kept cleared
Bits 23:16
PRI_6: Priority of system handler 6, usage fault
Bits 15:8
PRI_5: Priority of system handler 5, bus fault
Bits 7:0
PRI_4: Priority of system handler 4, memory management fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com