Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 219 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 219 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 215Page - STMicroelectronics PM0214 Datasheet HTML 216Page - STMicroelectronics PM0214 Datasheet HTML 217Page - STMicroelectronics PM0214 Datasheet HTML 218Page - STMicroelectronics PM0214 Datasheet HTML 219Page - STMicroelectronics PM0214 Datasheet HTML 220Page - STMicroelectronics PM0214 Datasheet HTML 221Page - STMicroelectronics PM0214 Datasheet HTML 222Page - STMicroelectronics PM0214 Datasheet HTML 223Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 245 page
background image
DocID022708 Rev 4
219/245
PM0214
Core peripherals
244
4.4.9
System handler control and state register (SHCSR)
Address offset: 0x24
Reset value: 0x0000 0000
Required privilege: Privileged
The SHCSR enables the system handlers, and indicates:
•
The pending status of the bus fault, memory management fault, and SVC exceptions
•
The active status of the system handlers.
If you disable a system handler and the corresponding fault occurs, the processor treats the
fault as a hard fault.
You can write to this register to change the pending or active status of system exceptions.
An OS kernel can write to the active bits to perform a context switch that changes the
current exception type.
•
Software that changes the value of an active bit in this register without correct
adjustment to the stacked content can cause the processor to generate a fault
exception. Ensure software that writes to this register retains and subsequently
restores the current active status.
•
After you have enabled the system handlers, if you have to change the value of a bit in
this register you must use a read-modify-write procedure to ensure that you change
only the required bit.
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
USG
FAULT
ENA
BUS
FAULT
ENA
MEM
FAULT
ENA
rw
rw
rw
15
14
13
12
11
10
9
8
76
54
3
21
0
SV
CALL
PEND
ED
BUS
FAULT
PEND
ED
MEM
FAULT
PEND
ED
USG
FAULT
PEND
ED
SYS
TICK
ACT
PEND
SV
ACT
Res.
MONIT
OR
ACT
SV
CALL
ACT
Reserved
USG
FAULT
ACT
Res.
BUS
FAULT
ACT
MEM
FAULT
ACT
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits 31:19
Reserved, must be kept cleared
Bit 18
USGFAULTENA: Usage fault enable bit, set to 1 to enable(1)
Bit 17
BUSFAULTENA: Bus fault enable bit, set to 1 to enable(1)
Bit 16
MEMFAULTENA: Memory management fault enable bit, set to 1 to enable(1)
Bit 15
SVCALLPENDED: SVC call pending bit, reads as 1 if exception is pending(2)
Bit 14
BUSFAULTPENDED: Bus fault exception pending bit, reads as 1 if exception is pending(2)
Bit 13
MEMFAULTPENDED: Memory management fault exception pending bit, reads as 1 if
exception is pending(2)
Bit 12
USGFAULTPENDED: Usage fault exception pending bit, reads as 1 if exception is pending(2)
Bit 11
SYSTICKACT: SysTick exception active bit, reads as 1 if exception is active(3)
Bit 10
PENDSVACT: PendSV exception active bit, reads as 1 if exception is active
Bit 9
Reserved, must be kept cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com