Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 222 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 222 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 218Page - STMicroelectronics PM0214 Datasheet HTML 219Page - STMicroelectronics PM0214 Datasheet HTML 220Page - STMicroelectronics PM0214 Datasheet HTML 221Page - STMicroelectronics PM0214 Datasheet HTML 222Page - STMicroelectronics PM0214 Datasheet HTML 223Page - STMicroelectronics PM0214 Datasheet HTML 224Page - STMicroelectronics PM0214 Datasheet HTML 225Page - STMicroelectronics PM0214 Datasheet HTML 226Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 245 page
background image
Core peripherals
PM0214
222/245
DocID022708 Rev 4
4.4.11
Usage fault status register (UFSR)
Bits 31:26
Reserved, must be kept cleared
Bit 25
DIVBYZERO: Divide by zero usage fault. When the processor sets this bit to 1, the PC value
stacked for the exception return points to the instruction that performed the divide by zero.
Enable trapping of divide by zero by setting the DIV_0_TRP bit in the CCR to 1, see
Configuration and control register (CCR) on page 215.
0: No divide by zero fault, or divide by zero trapping not enabled
1: The processor has executed an SDIV or UDIV instruction with a divisor of 0.
Bit 24
UNALIGNED: Unaligned access usage fault. Enable trapping of unaligned accesses by
setting the UNALIGN_TRP bit in the CCR to 1, see Configuration and control register (CCR)
on page 215.
Unaligned LDM, STM, LDRD, and STRD instructions always fault irrespective of the setting of
UNALIGN_TRP.
0: No unaligned access fault, or unaligned access trapping not enabled
1: the processor has made an unaligned memory access.
Bits 23:20
Reserved, must be kept cleared
Bit 19
NOCP: No coprocessor usage fault. The processor does not support coprocessor instructions:
0: No usage fault caused by attempting to access a coprocessor
1: the processor has attempted to access a coprocessor.
Bit 18
INVPC: Invalid PC load usage fault, caused by an invalid PC load by EXC_RETURN:
When this bit is set to 1, the PC value stacked for the exception return points to the instruction
that tried to perform the illegal load of the PC.
0: No invalid PC load usage fault
1: The processor has attempted an illegal load of EXC_RETURN to the PC, as a result of an
invalid context, or an invalid EXC_RETURN value.
Bit 17
INVSTATE: Invalid state usage fault. When this bit is set to 1, the PC value stacked for the
exception return points to the instruction that attempted the illegal use of the EPSR.
This bit is not set to 1 if an undefined instruction uses the EPSR.
0: No invalid state usage fault
1: The processor has attempted to execute an instruction that makes illegal use of the
EPSR.
Bit 16
UNDEFINSTR: Undefined instruction usage fault. When this bit is set to 1, the PC value
stacked for the exception return points to the undefined instruction.
An undefined instruction is an instruction that the processor cannot decode.
0: No undefined instruction usage fault
1: The processor has attempted to execute an undefined instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com