Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 225 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 225 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 221Page - STMicroelectronics PM0214 Datasheet HTML 222Page - STMicroelectronics PM0214 Datasheet HTML 223Page - STMicroelectronics PM0214 Datasheet HTML 224Page - STMicroelectronics PM0214 Datasheet HTML 225Page - STMicroelectronics PM0214 Datasheet HTML 226Page - STMicroelectronics PM0214 Datasheet HTML 227Page - STMicroelectronics PM0214 Datasheet HTML 228Page - STMicroelectronics PM0214 Datasheet HTML 229Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 245 page
background image
DocID022708 Rev 4
225/245
PM0214
Core peripherals
244
4.4.14
Hard fault status register (HFSR)
Address offset: 0x2C
Reset value: 0x0000 0000
Required privilege: Privileged
The HFSR gives information about events that activate the hard fault handler. This register
is read, write to clear. This means that bits in the register read normally, but writing 1 to any
bit clears that bit to 0.
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
DEBU
G_VT
FORC
ED
Reserved
rc_w1
rc_w1
15
14
13
12
11
10
9
8
76
54
3
21
0
Reserved
VECT
TBL
Res.
rc_w1
Bit 31
DEBUG_VT: Reserved for Debug use. When writing to the register you must write 0 to this bit,
otherwise behavior is unpredictable.
Bit 30
FORCED: Forced hard fault. Indicates a forced hard fault, generated by escalation of a fault
with configurable priority that cannot be handles, either because of priority or because it is
disabled.
When this bit is set to 1, the hard fault handler must read the other fault status registers to find
the cause of the fault.
0: No forced hard fault
1: Forced hard fault.
Bits 29:2
Reserved, must be kept cleared
Bit 1
VECTTBL: Vector table hard fault. Indicates a bus fault on a vector table read during
exception processing. This error is always handled by the hard fault handler.
When this bit is set to 1, the PC value stacked for the exception return points to the instruction
that was preempted by the exception.
0: No bus fault on vector table read
1: Bus fault on vector table read.
Bit 0
Reserved, must be kept cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com