Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 227 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 227 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 223Page - STMicroelectronics PM0214 Datasheet HTML 224Page - STMicroelectronics PM0214 Datasheet HTML 225Page - STMicroelectronics PM0214 Datasheet HTML 226Page - STMicroelectronics PM0214 Datasheet HTML 227Page - STMicroelectronics PM0214 Datasheet HTML 228Page - STMicroelectronics PM0214 Datasheet HTML 229Page - STMicroelectronics PM0214 Datasheet HTML 230Page - STMicroelectronics PM0214 Datasheet HTML 231Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 245 page
background image
DocID022708 Rev 4
227/245
PM0214
Core peripherals
244
4.4.17
Auxiliary fault status register (AFSR)
Address offset: 0x3C
Reset value: undefined
Required privilege: Privileged
4.4.18
System control block design hints and tips
Ensure software uses aligned accesses of the correct size to access the system control
block registers:
•
except for the CFSR and SHPR1-SHPR3, it must use aligned word accesses
•
for the CFSR and SHPR1-SHPR3 it can use byte or aligned halfword or word
accesses.
The processor does not support unaligned accesses to system control block registers.
In a fault handler. to determine the true faulting address:
1.
Read and save the MMFAR or BFAR value.
2.
Read the MMARVALID bit in the MMFSR, or the BFARVALID bit in the BFSR. The
MMFAR or BFAR address is valid only if this bit is 1.
Software must follow this sequence because another higher priority exception might change
the MMFAR or BFAR value. For example, if a higher priority handler preempts the current
fault handler, the other fault might change the MMFAR or BFAR value.
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
IMPDEF[31:16]
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
76
54
3
21
0
IMPDEF[15:0]
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits 31:0
IMPDEF: Implementation defined. The AFSR contains additional system fault information. The
bits map to the AUXFAULT input signals.
This register is read, write to clear. This means that bits in the register read normally, but
writing 1 to any bit clears that bit to 0.
Each AFSR bit maps directly to an AUXFAULT input of the processor, and a single-cycle HIGH
signal on the input sets the corresponding AFSR bit to one. It remains set to 1 until you write 1
to the bit to clear it to zero.
When an AFSR bit is latched as one, an exception does not occur. Use an interrupt if an
exception is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com