Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 231 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 231 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 227Page - STMicroelectronics PM0214 Datasheet HTML 228Page - STMicroelectronics PM0214 Datasheet HTML 229Page - STMicroelectronics PM0214 Datasheet HTML 230Page - STMicroelectronics PM0214 Datasheet HTML 231Page - STMicroelectronics PM0214 Datasheet HTML 232Page - STMicroelectronics PM0214 Datasheet HTML 233Page - STMicroelectronics PM0214 Datasheet HTML 234Page - STMicroelectronics PM0214 Datasheet HTML 235Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 245 page
background image
DocID022708 Rev 4
231/245
PM0214
Core peripherals
244
4.5.1
SysTick control and status register (STK_CTRL)
Address offset: 0x00
Reset value: 0x0000 0000
Required privilege: Privileged
The SysTick CTRL register enables the SysTick features.
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
COUNT
FLAG
rw
15
14
13
12
11
10
9
8
76
54
3
21
0
Reserved
CLKSO
URCE
TICK
INT
EN
ABLE
rw
rw
rw
Bits 31:17
Reserved, must be kept cleared.
Bit 16
COUNTFLAG:
Returns 1 if timer counted to 0 since last time this was read.
Bits 15:3
Reserved, must be kept cleared.
Bit 2
CLKSOURCE: Clock source selection
Selects the clock source.
0: AHB/8
1: Processor clock (AHB)
Bit 1
TICKINT: SysTick exception request enable
0: Counting down to zero does not assert the SysTick exception request
1: Counting down to zero to asserts the SysTick exception request.
Note: Software can use COUNTFLAG to determine if SysTick has ever counted to zero.
Bit 0
ENABLE: Counter enable
Enables the counter. When ENABLE is set to 1, the counter loads the RELOAD value from the
LOAD register and then counts down. On reaching 0, it sets the COUNTFLAG to 1 and
optionally asserts the SysTick depending on the value of TICKINT. It then loads the RELOAD
value again, and begins counting.
0: Counter disabled
1: Counter enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com