Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 234 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 234 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 230Page - STMicroelectronics PM0214 Datasheet HTML 231Page - STMicroelectronics PM0214 Datasheet HTML 232Page - STMicroelectronics PM0214 Datasheet HTML 233Page - STMicroelectronics PM0214 Datasheet HTML 234Page - STMicroelectronics PM0214 Datasheet HTML 235Page - STMicroelectronics PM0214 Datasheet HTML 236Page - STMicroelectronics PM0214 Datasheet HTML 237Page - STMicroelectronics PM0214 Datasheet HTML 238Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 245 page
background image
Core peripherals
PM0214
234/245
DocID022708 Rev 4
4.5.4
SysTick calibration value register (STK_CALIB)
Address offset: 0x0C
Reset value: 0x0000000
Required privilege: Privileged
The CALIB register indicates the SysTick calibration properties.
4.5.5
SysTick design hints and tips
The SysTick counter runs on the processor clock. If this clock signal is stopped for low
power mode, the SysTick counter stops.
Ensure software uses aligned word accesses to access the SysTick registers.
The SysTick counter reload and current value are undefined at reset, the correct
initialization sequence for the SysTick counter is:
1.
Program reload value.
2.
Clear current value.
3.
Program Control and Status register.
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
NO
REF
SKEW
Reserved
TENMS[23:16]
r
r
rr
rrrr
r
r
15
14
13
12
11
10
9
8
76
54
3
21
0
TENMS[15:0]
r
rrrr
r
r
r
r
r
rrrr
r
r
Bit 31
NOREF: NOREF flag. Reads as zero. Indicates that a separate reference clock is provided.
The frequency of this clock is HCLK/8.
Bit 30
SKEW: SKEW flag: Indicates whether the TENMS value is exact. Reads as one. Calibration
value for the 1 ms inexact timing is not known because TENMS is not known. This can affect
the suitability of SysTick as a software real time clock.
Bits 29:24
Reserved, must be kept cleared.
Bits 23:0
TENMS[23:0]: Calibration value. Indicates the calibration value when the SysTick counter
runs on HCLK max/8 as external clock. The value is product dependent, please refer to the
Product Reference Manual, SysTick Calibration Value section. When HCLK is programmed at
the maximum frequency, the SysTick period is 1ms.
If calibration information is not known, calculate the calibration value required from the
frequency of the processor clock or external clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com