Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 236 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 236 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 232Page - STMicroelectronics PM0214 Datasheet HTML 233Page - STMicroelectronics PM0214 Datasheet HTML 234Page - STMicroelectronics PM0214 Datasheet HTML 235Page - STMicroelectronics PM0214 Datasheet HTML 236Page - STMicroelectronics PM0214 Datasheet HTML 237Page - STMicroelectronics PM0214 Datasheet HTML 238Page - STMicroelectronics PM0214 Datasheet HTML 239Page - STMicroelectronics PM0214 Datasheet HTML 240Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 245 page
background image
Core peripherals
PM0214
236/245
DocID022708 Rev 4
4.6
Floating point unit (FPU)
The Cortex-M4F FPU implements the FPv4-SP floating-point extension.
The FPU fully supports single-precision add, subtract, multiply, divide, multiply and
accumulate, and square root operations. It also provides conversions between fixed xxxxx-
point and floating-point data formats, and floating-point constant instructions.
The FPU provides floating-point computation functionality that is compliant with the
ANSI/IEEE standard 754-2008, IEEE standard for Binary Floating-Point Arithmetic, referred
to as the IEEE 754 standard.
The FPU contains 32 single-precision extension registers, which you can also access as 16
doubleword registers for load, store, and move operations.
Table 56 shows the floating-point system registers in the Cortex-M4F system control block
(SCB). The base address of the additional registers for the FP extension is 0xE000 ED00.
The following sections describe the floating-point system registers whose implementation is
specific to this processor.
Note:
For more details on the IEEE standard and floating-point arithmetic (IEEE 754), refer to the
AN4044 Application note. Available from website www.st.com.
Table 56. Cortex-M4F floating-point system registers
Address
Name
Type
Reset
Description
0xE000ED88
CPACR
RW
0x00000000
Section 4.6.1: Coprocessor access control register (CPACR) on
page 237
0xE000EF34
FPCCR
RW
0xC0000000
Section 4.6.2: Floating-point context control register (FPCCR)
on page 237
0xE000EF38
FPCAR
RW
-
Section 4.6.3: Floating-point context address register (FPCAR)
on page 239
0xE000EF3C
FPDSCR RW
0x00000000
Section 4.6.5: Floating-point default status control register
(FPDSCR) on page 241
-
FPSCR
RW
-
Section 4.6.4: Floating-point status control register (FPSCR) on
page 239



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com