Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 239 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 239 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 235Page - STMicroelectronics PM0214 Datasheet HTML 236Page - STMicroelectronics PM0214 Datasheet HTML 237Page - STMicroelectronics PM0214 Datasheet HTML 238Page - STMicroelectronics PM0214 Datasheet HTML 239Page - STMicroelectronics PM0214 Datasheet HTML 240Page - STMicroelectronics PM0214 Datasheet HTML 241Page - STMicroelectronics PM0214 Datasheet HTML 242Page - STMicroelectronics PM0214 Datasheet HTML 243Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 245 page
background image
DocID022708 Rev 4
239/245
PM0214
Core peripherals
244
4.6.3
Floating-point context address register (FPCAR)
Address offset: 0x08
Reset value: 0x0000000
Required privilege: Privileged
The FPCAR register holds the location of the unpopulated floating-point register space
allocated on an exception stack frame.
4.6.4
Floating-point status control register (FPSCR)
Address offset: Not mapped
Reset value: 0x0000000
Required privilege: Privileged
The FPSCR register provides all necessary user level control of the floating-point system.
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
ADDRESS[31:16]
rw
15
14
13
12
11
10
9
8
76
54
3
21
0
ADDRESS[15:3]
Reserved
rw
Bits 31:3
ADDRESS: Location of unpopulated floating-point register space allocated on an exception
stack frame.
Bits 2:0
Reserved. Read as Zero, Writes Ignored.
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
NZ
C
V
Reserv
ed
AHP
DN
FZ
RMode
Reserved
rw
rw
rw
rw
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
76
54
3
21
0
Reserved
IDC
Reserved
IXC
UFC
OFC
DZC
IOC
rw
rw
rw
rw
rw
rw
Bit 31
N: Negative condition code flag. Floating-point comparison operations update these flags. For
more details on the result, refer to Table 57.
0: Operation result was positive, zero, greater than, or equal.
1: Operation result was negative or less than.
Bit 30
Z: Zero condition code flag. Floating-point comparison operations update these flags. For more
details on the result, refer to Table 57.
0: Operation result was not zero.
1: Operation result was zero.
Bit 29
C: Carry condition code flag. Floating-point comparison operations update these flags. For more
details on the result, refer to Table 57.
0: Add operation did not result in a carry bit or subtract operation resulted in a borrow bit.
1: Add operation resulted in a carry bit or subtract operation did not result in a borrow bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com