Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0214 Datasheet(PDF) 241 Page - STMicroelectronics

Part # PM0214
Description  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 Datasheet(HTML) 241 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 237Page - STMicroelectronics PM0214 Datasheet HTML 238Page - STMicroelectronics PM0214 Datasheet HTML 239Page - STMicroelectronics PM0214 Datasheet HTML 240Page - STMicroelectronics PM0214 Datasheet HTML 241Page - STMicroelectronics PM0214 Datasheet HTML 242Page - STMicroelectronics PM0214 Datasheet HTML 243Page - STMicroelectronics PM0214 Datasheet HTML 244Page - STMicroelectronics PM0214 Datasheet HTML 245Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 241 / 245 page
background image
DocID022708 Rev 4
241/245
PM0214
Core peripherals
244
4.6.5
Floating-point default status control register (FPDSCR)
Address offset: 0x0C
Reset value: 0x0000000
Required privilege: Privileged
The FPDSCR register holds the default values for the floating-point status control data.
4.6.6
Enabling the FPU
The FPU is disabled from reset. You must enable it before you can use any floating-point
instructions.
The example shows an example code sequence for enabling the FPU in both privileged and
user modes. The processor must be in privileged mode to read from and write to the
CPACR.
Example
; CPACR is located at address 0xE000ED88
LDR.W
R0, =0xE000ED88
; Read CPACR
LDR
R1, [R0]
; Set bits 20-23 to enable CP10 and CP11 coprocessors
ORR
R1, R1, #(0xF << 20)
; Write back the modified value to the CPACR
STR
R1, [R0]; wait for store to complete
DSB
;reset pipeline now the FPU is enabled
ISB
4.6.7
Enabling and clearing FPU exception interrupts
The FPU exception flags (IDC, UFC, OFC, DZC and additionally, in STM32F3xxx devices,
the IXC flag) are ORed and connected to the interrupt controller.
31
3029
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
AHP
DN
FZ
RMode
Reserved
rw
rw
rw
rw
rw
15
14
13
12
11
10
9
8
76
54
3
21
0
Reserved
Bits 31:27
Reserved, must be kept cleared.
Bit 26
AHP: Default value for FPSCR.AHP
Bit 25
DN: Default value for FPSCR.DN
Bit 24
FZ: Default value for FPSCR.FZ
Bits 23:22
RMode: Default value for FPSCR.RMode
Bits 21:0
Reserved, must be kept cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com